Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFE211507FC-V1-R0 Datasheet(PDF) 4 Page - Cree, Inc

Part # PXFE211507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXFE211507FC-V1-R0 Datasheet(HTML) 4 Page - Cree, Inc

  PXFE211507FC-V1-R0 Datasheet HTML 1Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 2Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 3Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 4Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 5Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 6Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 7Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2019-01-15
4
PXFE211507FC
Typical Performance (data taken in test fixture)
Load Pull Performance
Load Pull Performance – Pulsed CW signal: 16 µs, 10% duty cycle, 28 V, IDQ = 900 mA
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
ZL
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
ZL
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
2110
3.3-j5.6
1.6-j3.5
18.6
52.75
188.4
52.7
3-j2
21.2
51.46
140
66.2
2170
5.1-j5
1.5-j3.9
18.3
52.80
190.6
51.4
3.7-j2.3
21.2
50.78
119.7
66.8
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2110
3.3-j5.6
1.8-j3.9
16.7
53.56
227
56.8
4.3-j1.33
19.9
50.76
119.1
68.0
2170
5.1-j5
1.65-j3.9
16.5
53.64
231.2
55.8
3.7-j2.3
19.2
51.56
143.2
68.2
0
10
20
30
40
50
60
15
16
17
18
19
20
21
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ = 900 mA, ƒ = 2170 MHz
24 V Gain
28 V Gain
32 V Gain
24 V Eff
28 V Eff
32 V Eff
pxfe211507fc_g6
-25
-20
-15
-10
-5
0
11
13
15
17
19
21
1950
2050
2150
2250
2350
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 28 V, IDQ= 900 mA
IRL
Gain
pxfe211507fc_g7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com