Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFE211507FC-V1-R0 Datasheet(PDF) 7 Page - Cree, Inc

Part # PXFE211507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXFE211507FC-V1-R0 Datasheet(HTML) 7 Page - Cree, Inc

  PXFE211507FC-V1-R0 Datasheet HTML 1Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 2Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 3Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 4Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 5Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 6Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 7Page - Cree, Inc PXFE211507FC-V1-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2019-01-15
7
PXFE211507FC
Package Outline Specifications
Package H-37248G-4/2
H-37248G-4/2_sl_01_04-17-2013
S
(16.76
[.660])
9.78
[.385]
2X 15.72
[.619]
1.02
[.040]
20.57
[.810]
SPH 1.57
[.062]
3.76±0.25
[.148±.010]
4X R0.51+0.38
-0.13
[R.020+.015
-.005 ]
4X 3.49±0.20
[.138±.008]
19.81±0.20
[.780±.008]
21.72
[.855]
2X
50°
2X 2.29
[.090]
3.00
[.118]
CL
CL
CL
CL
CL
CL
CL
G
D
V
V
CL
45° x 0.64
[.025]
D
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: D – drain; G – gate; S – source; V – V
DD.
5. Lead thickness: 0.10 + 0.051/-0.025 mm [.004 +0.002/-0.001 inch].
6. Gold plating thickness: 1.14 ± 0.38 micron [45 ± 15 microinch].



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com