Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFE211507FC-V1-R2 Datasheet(PDF) 1 Page - Cree, Inc

Part # PXFE211507FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXFE211507FC-V1-R2 Datasheet(HTML) 1 Page - Cree, Inc

  PXFE211507FC-V1-R2 Datasheet HTML 1Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 2Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 3Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 4Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 5Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 6Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 7Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2019-01-15
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PXFE211507FC
Package H-37248G-4/2
Thermally-Enhanced High Power RF LDMOS FET
170 W, 28 V, 2110 – 2170 MHz
Features
• Broadband internal input and output matching
• Typical Pulsed CW performance, 2140 MHz, 28 V, single
side, 16 µs, 10% duty cycle, class AB test
- Output power at P1dB = 172 W
- Output power at P3dB = 208 W
-EfficiencyatP3dB = 64.4%
- Gain = 20.3 dB
• Capable of handling 10:1 VSWR @ 28 V, 120 W (CW)
output power
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The PXFE211507FC is a 170-watt LDMOS FET intended for use in multi-
standardcellularpoweramplifierapplicationsinthe2110to2170MHz
frequency band. Features include input and output matching, high gain
andthermally-enhancedpackagewithearlessflange.Manufacturedwith
Wolfspeed's advanced LDMOS process, this device provides excellent
thermal performance and superior reliability
Single-carrier WCDMA Specifications (testedinWolfspeedtestfixture)
VDD = 28 V, IDQ = 900 mA, POUT = 50 W avg, ƒ = 2170 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average = 10 dB @ 0.01%
CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
17
18
dB
DrainEfficiency
hD
33
35
%
Adjacent Channel Power Ratio
ACPR
–29
–27.5
dBc
Output PAR at 0.01% probability on CCDF
OPAR
5.5
6
dB
PXFE211507FC
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ= 900 mA, ƒ = 2170 MHz
3GPP WCDMA signal, PAR = 10 dB,
3.84 MHz BW
Gain
Efficiency
PAR @ 0.01% CCDF
pxfe211507fc_g1


Similar Part No. - PXFE211507FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
PXFE211507FC-V1-R2 WOLFSPEED-PXFE211507FC-V1-R2 Datasheet
763Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-28
More results

Similar Description - PXFE211507FC-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
PTFB213208FV INFINEON-PTFB213208FV Datasheet
221Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2012-07-03
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PTAC210802FC INFINEON-PTAC210802FC_16 Datasheet
650Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
Rev. 05.2, 2016-06-17
PXAD214218FV INFINEON-PXAD214218FV Datasheet
391Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
Rev. 02.2, 2017-03-30
logo
Cree, Inc
PXAD214218FV CREE-PXAD214218FV Datasheet
524Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 ??2170 MHz
PTFB210801FA CREE-PTFB210801FA Datasheet
636Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 80 W, 28 V, 2110 ??2170 MHz
PTFB213208FV CREE-PTFB213208FV Datasheet
659Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 320 W, 28 V, 2110 - 2170 MHz
logo
WOLFSPEED, INC.
PXAD214218FV WOLFSPEED-PXAD214218FV Datasheet
524Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 430 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-23
PXFE211507FC WOLFSPEED-PXFE211507FC Datasheet
763Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 – 2170 MHz
Rev. 04, 2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com