Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFE211507FC-V1-R2 Datasheet(PDF) 5 Page - Cree, Inc

Part # PXFE211507FC-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXFE211507FC-V1-R2 Datasheet(HTML) 5 Page - Cree, Inc

  PXFE211507FC-V1-R2 Datasheet HTML 1Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 2Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 3Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 4Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 5Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 6Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 7Page - Cree, Inc PXFE211507FC-V1-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2019-01-15
5
PXFE211507FC
Reference Circuit, 2110 – 2170 MHz
Reference circuit assembly diagram (not to scale)
Reference Circuit Assembly
DUT
PXFE211507FC V1
Test Fixture Part No.
LTN/PXFE211507FC-V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66, ƒ = 2110 – 2170 MHz
FindGerberfilesforthistestfixtureontheWolfspeedWebsiteatwww.wolfspeed.com/RF
R102
C107
C106
R101
C104
C105
C101
C102
C103
C201
C209
C210
C211
C202 C203
C204
C205
C206
C207
PXFE211507FC_OUT_01
RF_IN
RF_OUT
VGG
VDD
px f e211 507 f c_C D_ 12- 05 - 20 18
RO4350, 20 MIL
RO4350, 20 MIL
PXFE211507FC_IN_01
C212
C208
VDD
R102
C107
C106
R101
C104
C105
C101
C102
C103
C201
C209
C210
C211
C202 C203
C204
C205
C206
C207
PXFE211507FC_OUT_01
RF_IN
RF_OUT
VGG
VDD
px f e211 507 f c_C D_ 12- 05 - 20 18
RO4350, 20 MIL
RO4350, 20 MIL
PXFE211507FC_IN_01
C212
C208
VDD
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102
Capacitor, 0.4 pF
ATC
ATC600F0R4AT250BT
C103, C104, C106
Capacitor, 10 pF
ATC
ATC600F100JT250XT
C105, C107
Capacitor, 50 V, 10 µF
Taiyo Yuden
UMK325C7106MM-T
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
Output
C201
Capacitor, 18 pF
ATC
ATC600F180JT250XT
C202
Capacitor, 0.4 pF
ATC
ATC600F0R4BT250XT
C203, C204
Capacitor, 0.6 pF
ATC
ATC600F0R6BT250XT
C205, C206, C207, C209,
C210, C211
Capacitor, 50 V, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C208, C212
Capacitor, 100 V, 220 µF
Panasonic Electronic Components
ECA-2AHG221



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com