Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM6S-BKB Datasheet(PDF) 5 Page - Cree, Inc

Part # CLM6S-BKB
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM6S-BKB Datasheet(HTML) 5 Page - Cree, Inc

  CLM6S-BKB Datasheet HTML 1Page - Cree, Inc CLM6S-BKB Datasheet HTML 2Page - Cree, Inc CLM6S-BKB Datasheet HTML 3Page - Cree, Inc CLM6S-BKB Datasheet HTML 4Page - Cree, Inc CLM6S-BKB Datasheet HTML 5Page - Cree, Inc CLM6S-BKB Datasheet HTML 6Page - Cree, Inc CLM6S-BKB Datasheet HTML 7Page - Cree, Inc CLM6S-BKB Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree PLCC6 3 in 1 SMD LED
CLM6S-BKB/GKB
GRAPHS
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
IF(mA)
FORWARD CURRENT
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
0
60
20
40
100
80
40
20
80
60
100
0
Ta( C)
FIG.5 BLUE & GREEN MAXIMUM FORWARD
DC CURRENT VS AMBIENT
TEMPERATURE
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
IF(mA)
VF(V)
IF (mA)
0.0
1.0
4.0
2.0
3.0
5.0
60
20
40
100
80
0
Green
Blue
3.8
3.0
3.4
3.2
3.6
4.0
20.0
40.0
80.0
60.0
100.0
0.0
Blue
Green
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
Blue
Green
-10
VS. REVERSE VOLTAGE.
FIG.3 BLUE & GREEN REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
FIG.7 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 120
Angle
1 CHIP ON
3 CHIP ON
IF(mA)
0
60
20
40
100
80
40
20
80
60
100
0
Ta( C)
FIG.6 BLUE & GREEN MAXIMUM FORWARD
DC CURRENT VS AMBIENT
TEMPERATURE
1 CHIP ON
3 CHIP ON
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com