Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM6S-BKB Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM6S-BKB
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM6S-BKB Datasheet(HTML) 1 Page - Cree, Inc

  CLM6S-BKB Datasheet HTML 1Page - Cree, Inc CLM6S-BKB Datasheet HTML 2Page - Cree, Inc CLM6S-BKB Datasheet HTML 3Page - Cree, Inc CLM6S-BKB Datasheet HTML 4Page - Cree, Inc CLM6S-BKB Datasheet HTML 5Page - Cree, Inc CLM6S-BKB Datasheet HTML 6Page - Cree, Inc CLM6S-BKB Datasheet HTML 7Page - Cree, Inc CLM6S-BKB Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC6 3 in 1 SMD LED
CLM6S-BKB/GKB
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
SMD LEDs are packaged in the
industry-standard package. These
LEDs have high-reliability
performance and are designed to
work under a wide range of
environmental conditions. This high-
reliability feature makes them ideally
suited to be used under architectural
lighting application conditions.
Their wide viewing angle make these
LEDs ideally suited for channel letters
or architectural lighting applications.
The flat-top emitting surface makes
it easy for these LEDs to mate with
light pipes.
FEATURES
• Size (mm):3.5 x 3.3
• Color and Typical Dominant
Wavelength:
Blue (470nm)
Green (527nm)
• Luminous Intensity (mcd)
CLM6S-BKB:
(355 - 900)
CLM6S-GKB:
(1120 - 2800)
• Viewing angle: 120 degree
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Full-Color Video Screen
• Decorative lighting
• Amusement


Similar Part No. - CLM6S-BKB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLM6000 ETC-CLM6000 Datasheet
80Kb / 2P
LED PHOTOCONDUCTOR ISOLATORS
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
High Speed Buffer
CLM6121H CALOGIC-CLM6121H Datasheet
62Kb / 5P
High Speed Buffer
CLM6121M CALOGIC-CLM6121M Datasheet
62Kb / 5P
High Speed Buffer
CLM6121N CALOGIC-CLM6121N Datasheet
62Kb / 5P
High Speed Buffer
More results

Similar Description - CLM6S-BKB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
SLV6D-FKB CREE-SLV6D-FKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
Cree짰 PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com