Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP43T-RGS Datasheet(PDF) 3 Page - Cree, Inc

Part # CP43T-RGS
Description  Cree짰 P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP43T-RGS Datasheet(HTML) 3 Page - Cree, Inc

  CP43T-RGS Datasheet HTML 1Page - Cree, Inc CP43T-RGS Datasheet HTML 2Page - Cree, Inc CP43T-RGS Datasheet HTML 3Page - Cree, Inc CP43T-RGS Datasheet HTML 4Page - Cree, Inc CP43T-RGS Datasheet HTML 5Page - Cree, Inc CP43T-RGS Datasheet HTML 6Page - Cree, Inc CP43T-RGS Datasheet HTML 7Page - Cree, Inc CP43T-RGS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree P4 LED
CP43T-RGS
• Tolerance of measurement of luminous intensity is ±15%
INTENSITY BIN LIMIT (I
F = 70 mA)
COLOR BIN LIMIT (I
F = 70 mA)
• Tolerance of measurement of dominant wavelength is ±1 nm
VF BIN LIMIT (I
F = 70 mA)
• Tolerance of measurement of VF is ±0.05V.
Red
Bin Code
Min.(nm)
Max.(nm)
RE
620
637
Red
Bin Code
Min.(mcd)
Max.(mcd)
U0
1520
2130
V0
2130
3000
W0
3000
4180
X0
4180
5860
Red
Bin Code
Min. (V)
Max. (V)
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
28
3.0
3.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com