Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP43T-RGS Datasheet(PDF) 5 Page - Cree, Inc

Part # CP43T-RGS
Description  Cree짰 P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP43T-RGS Datasheet(HTML) 5 Page - Cree, Inc

  CP43T-RGS Datasheet HTML 1Page - Cree, Inc CP43T-RGS Datasheet HTML 2Page - Cree, Inc CP43T-RGS Datasheet HTML 3Page - Cree, Inc CP43T-RGS Datasheet HTML 4Page - Cree, Inc CP43T-RGS Datasheet HTML 5Page - Cree, Inc CP43T-RGS Datasheet HTML 6Page - Cree, Inc CP43T-RGS Datasheet HTML 7Page - Cree, Inc CP43T-RGS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
Cree P4 LED
CP43T-RGS
GRAPHS
Theabovedataarecollectedfromstatisticalfiguresthatdonotnecessarilycorrespondtotheactual
parameters of each single LED. Hence, these data will be changed without further notice.
FIG.2 RELATIVE LUMINOUS FLUX VS.
IF(mA)
FORWARD CURRENT
IF(mA)
VF(V)
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
IF (mA)
0.0
0.5
2.0
1.0
1.5
2.5
60
20
40
100
80
0
0
60
20
40
100
80
40
20
80
60
100
0
Ta( C)
FIG.5 Red & Amber MAXIMUM FORWARD
DCCURRENT VS AMBIENT
TEMPERATURE (Tjmax=120 C)
VS. REVERSE VOLTAGE.
FIG.3 REVERSE CURRENT
FIG.6 FAR FIELD PATTERN
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
2.6
1.8
2.2
2.0
2.4
2.8
20.0
40.0
80.0
60.0
100.0
0.0
-10
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
-60
(RELATIVE LUMINOUS INTENSITY)
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : H-H 90
Angle
V-V 35
H-H
V-V
(RELATIVE LUMINOUS FLUX)
(RELATIVE LUMINOUS INTENSITY)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com