Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

628F Datasheet(PDF) 3 Page - MKS Instruments.

Part # 628F
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

628F Datasheet(HTML) 3 Page - MKS Instruments.

  628F Datasheet HTML 1Page - MKS Instruments. 628F Datasheet HTML 2Page - MKS Instruments. 628F Datasheet HTML 3Page - MKS Instruments. 628F Datasheet HTML 4Page - MKS Instruments. 628F Datasheet HTML 5Page - MKS Instruments. 628F Datasheet HTML 6Page - MKS Instruments. 628F Datasheet HTML 7Page - MKS Instruments. 628F Datasheet HTML 8Page - MKS Instruments. 628F Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Baratron® Capacitance
Manometer Chart
A very partial list of applications for the 600 series of products include:
•
All semiconductor thin-film processes such as etching and ashing, chemical vapor deposition, physical vapor
deposition, oxidation, diffusion, and implantation.
•
Production of electronic displays such as LCDs, plasma displays, and CRTs.
•
Manufacturing of advanced ceramics and metals for aerospace and transportation.
•
Automated leak test systems for industrial and scientific use.
•
Sterilization and freeze-drying of biopharmaceuticals, foods, medical implants, and surgical instruments.
•
Analytical and metrology instruments such as mass spectrometers, high-precision balances, calibration
standards, and other analytical tools.
•
Production of data storage components such as laser diodes, magnetic read/write heads, and storage platters.
MKS offers many products within the 600-series family with different attributes, capabilities, and performance. A quick
summary of these models is below, followed by individual descriptions of each product and its major applications.
Notes:
*Other units of measurement available; contact factory.
**0.02 Torr range available only on 45°C models.
Product
Family
Sensor
Output
Operating
Temperature
Primary Full Scale
Ranges - Torr*
Secondary Full Scale
Range - Torr*
Electrical
Connector
Relay
Switches
622C
Standard
0-10VDC analog
Unheated
1 to 1,000
Not available
Terminal Block
No
623F
Standard
0-10VDC analog
Unheated
10 to 1,000
Not available
Terminal Block
Yes
624F
Standard
0-10VDC analog
45°C
1 to 20,000
Not available
15-pin
D-subminiature
Yes
625F
Standard
0-10VDC analog
100°C
1 to 20,000
Not available
15-pin
D-subminiature
Yes
626C
Standard
0-10VDC analog
Unheated
0.1 to 1000
Not available
15-pin
D-subminiature
No
627F
Standard
0-10VDC analog
45°C
0.02 to 20,000
Not available
15-pin
D-subminiature
No
628F
Standard
0-10VDC analog
100°C
0.05 to 20,000
Not available
15-pin
D-subminiature
No
629F
Standard
0-10VDC analog
45°C or 100°C
0.02 to 1,000**
Not available
9-pin
D-subminiature
No
631D
Standard
0-10VDC analog
150°C or 200°C
1 to 1,000
Not available
15-pin
D-subminiature
Optional
D24F
Standard
0-10VDC analog
45°C
10 to 1,000
2x, 5x, or 10x lower
than primary range
15-pin
D-subminiature
Yes
D25F
Standard
0-10VDC analog
100°C
10 to 1,000
2x, 5x, or 10x lower
than primary range
15-pin
D-subminiature
Yes
D27F
Standard
0-10VDC analog
45°C
10 to 1,000
2x, 5x, or 10x lower
than primary range
15-pin
D-subminiature
No
D28F
Standard
0-10VDC analog
100°C
10 to 1,000
2x, 5x, or 10x lower
than primary range
15-pin
D-subminiature
No
E27F
Etch Baffle
0-10VDC analog
45°C
0.02 to 100
Not available
15-pin
D-subminiature
No
E28F
Etch Baffle
0-10VDC analog
100°C
0.05 to 100
Not available
15-pin
D-subminiature
No
E29F
Etch Baffle
0-10VDC analog
45°C or 100°C
0.02 to 100**
Not available
9-pin
D-subminiature
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com