Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

628F Datasheet(PDF) 8 Page - MKS Instruments.

Part # 628F
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

628F Datasheet(HTML) 8 Page - MKS Instruments.

Back Button 628F Datasheet HTML 4Page - MKS Instruments. 628F Datasheet HTML 5Page - MKS Instruments. 628F Datasheet HTML 6Page - MKS Instruments. 628F Datasheet HTML 7Page - MKS Instruments. 628F Datasheet HTML 8Page - MKS Instruments. 628F Datasheet HTML 9Page - MKS Instruments. 628F Datasheet HTML 10Page - MKS Instruments. 628F Datasheet HTML 11Page - MKS Instruments. 628F Datasheet HTML 12Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PR4000 Display/Power Supply
The PR4000 display can operate one or two of any current
600-series Baratron capacitance manometers, including the
high-temperature 631D. Its LCD display screen is easy to
read, and it also offers two (2) independently-adjustable trip
relays for external device control. Its standard outputs are
high-resolution (16-bit) analog output and RS232C digital, and
it can be equipped with RS485 digital communications. It can
also remotely zero the 629F manometer equipped with that
option.
For customers who do not wish to arrange for their own delivery of electrical power to their Baratron capacitance
manometer(s), MKS offers four (4) different displays and power supplies that can be used with most of the products
described above. The descriptions below give a basic idea of the different models and their attributes.
660C Single-Channel
Display/Power Supply
The 660C is a microprocessor-controller single-channel
power supply and display that is designed for use with
all unheated and 45°C heated Baratron capacitance
manometers. It offers a 4.5-place digital display of the
Baratron capacitance manometer’s measured pressure, and
has a single-menu structure for easy setup and configuration.
It also offers four (4) open collector alarm trip points for
control of external devices. It can be equipped with an
RS232C digital interface, and it mounts in a compact 1/8 DIN
package.
PDR2000 Dual-Channel
Power Supply/Display
The PDR2000 is a low-cost two-channel power supply/display
capable of supporting most 600-series Baratron capacitance
manometers. It offers a very compact size (1/8 DIN package),
two (2) independently-adjustable relay trip points for external
device operation, and selectable engineering units. It also can
be ordered with an optional RS232C digital interface, and has
the ability to scale to non-standard pressure ranges.
CV7600 Isolation Systems
The MKS CV7600 Isolation System is designed to auto-
matically maintain a heated 600 series Baratron capacitance
manometer at vacuum throughout a process cycle. The
Isolation System consists of either a 627F or 628F heated
process Baratron capacitance manometer, an MKS
Pneumatic Isolation Valve, and an R750B mini-Baratron
capacitance manometer and Relay Module. The R750B
Relay Module monitors the process pressure, and provides
a contact closure that is used to open or close a (customer-
supplied) isolation valve in the pneumatic line to the MKS
Pneumatic Isolation Valve. This solenoid closes the MKS
valve whenever the process pressure exceeds the Full Scale
range of the 600-series Baratron capacitance manometer,
maintaining it in its optimum working range. Many different
Baratron capacitance manometer configurations and trip point
options are available; please contact the MKS Applications
group or your MKS Account Manager for more information.
Displays, Power Supplies, and Isolation Systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com