Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF231 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF231
Description  N-Channel Power Mosfets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF231 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF231 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRF230-233/IRF630-633
MTP12N18/12N20
N-Channel Power Mosfets
12A, 150-200V
www.artschip.com
3
Electrical Characteristics(Cont.)(Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Min
Max
Unit
Test Conditions
On Characteristics
2.0
4.0
VGS(th)
Gate Threshold Voltage
IRF230/233/630/633
MTP12N18/12N20
2.0
4.5
V
ID=250µA, VDS=VGS
ID=1mA, VDS=VGS
0.40
0.50
RDS(on)
Static Drain-Source On-Resistance 2
IRF230/231/630/631
IRF232/233/632/633
MTP12N18/12N20
0.35
Ω
VGS=10V, ID=5.0A
ID=6.0A
2.1
V
VGS=10V; ID=6.0A
5.0
V
VGS=10V; ID=12.0A;
VDS(on)
Drain-Source On-Voltage
2
MTP12N18/12N20
4.2
V
VGS=10V; ID=6.0A
Tc=100℃
gfs
Forward Transconductance
3.0
S( )
VDS=10V; ID=6.0A
Tc=100℃
Dynamic Characteristics
Ciss
Input Capacitance
800
pF
Coss
Output Capacitance
450
pF
Crss
Reverse Transfer Capacitance
150
pF
VDS=25V, VGS=0V
f=1.0MHz
Switching Characteristics
(Tc=25℃, Figure 1,2)
1
td(on)
Turn-On Delay Time
30
ns
tr
Rise Time
50
ns
td(off)
Turn-Off Delay Time
50
ns
tf
Fall Time
40
ns
VDD=90V, ID=5.0A
VGS=10V, RGEN=15 Ω
RGS=15 Ω
td(on)
Turn-On Delay Time
50
ns
tr
Rise Time
250
ns
td(off)
Turn-Off Delay Time
100
ns
tf
Fall Time
120
ns
VDD=25V; ID=6.0A
VGS=10V, RGEN=50 Ω
RGS=50 Ω
Qg
Total Gate Charge
30
ns
VGS=10V, ID=12A
VDD=120V
Electrical Characteristics
(Cont.)(Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Typ
Max
Unit
Test Conditions
Source-Drain Diode Characteristics
1.25
2.0
V
Is=9.0A; VGS=0V
VSD
Diode Forward Voltage
IRF230/231/630/831
IRF232/233/632/633
1.25
1.8
V
Is=8.0A; VGS=0V
trr
Reverse Recovery Time
450
ns
Is=4.0A; Is/dt=25A/µs
Notes
1.
TJ=+25℃ to +160℃
2.
Pulse width limited by TJ.
3.
Switching time measurements performed on LEM TR-58 equipment.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com