Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF231 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF231
Description  N-Channel Power Mosfets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF231 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF231 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF231 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRF230-233/IRF630-633
MTP12N18/12N20
N-Channel Power Mosfets
12A, 150-200V
www.artschip.com
1
Description
These devices are n-channel, enhancement mode, power
MOSFETs designed especially for high power, high speed
applications, such as switching power supplies, UPS, AC and
DC motor controls, relay and solenoid drivers and high energy
pulse circuits.
Low RDS(on)
VGS Rated at ±20V
Silicon Gate for Fast Switching Speeds
IDSS, VDS(on), Specified at Elevated Temperature
Rugged
Low Drive Requirements
Ease of Paralleling
TO-204AA
IRF230
IRF231
IRF232
IRF233
TO-220AB
IRF630
IRF631
IRF632
IRF633
MTP12N18
MTP12N20
Product Summary
Part Number
VDSS
RDS(on)
ID at
Tc=25℃
ID at
Tc=100℃
Case Style
IRF230
200V
0.40 Ω
9.0A
6.0A
IRF231
150V
0.40 Ω
9.0A
6.0A
IRF232
200V
0.50 Ω
8.0A
5.0A
IRF233
150V
0.50 Ω
8.0A
5.0A
TO-204AA
IRF630
200V
0.40 Ω
9.0A
6.0A
IRF631
150V
0.40 Ω
9.0A
6.0A
IRF632
200V
0.50 Ω
8.0A
5.0A
IRF633
150V
0.50 Ω
8.0A
5.0A
MTP12N18
180V
0.35 Ω
12A
8.5A
MTP12N20
200V
0.35 Ω
12A
8.5A
TO-220AB
Notes
For information concerning connection diagram and package outline, refer to
Section 7.


Similar Part No. - IRF231

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF231 SAMSUNG-IRF231 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF231 FAIRCHILD-IRF231 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 12A, 150-200 V
logo
Intersil Corporation
IRF231 INTERSIL-IRF231 Datasheet
69Kb / 7P
8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
October 1997
logo
New Jersey Semi-Conduct...
IRF231 NJSEMI-IRF231 Datasheet
106Kb / 3P
N-Channel Power MOSFETs, 12 A, 150-200 V
IRF231 NJSEMI-IRF231 Datasheet
106Kb / 3P
N-Channel Power MOSFETs, 12 A, 150-200 V
More results

Similar Description - IRF231

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com