Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF341 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF341
Description  N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF341 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF341 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF341 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF341 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF341 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF341 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IRF340-343/IRF740-743 T-39-13
MTM8N35/8N40
N-Channel Power MOSFETs
10A, 350V/400V
www.artschip.com
4
Typical Performance Curves
Figure 1 Output Characteristics
Figure 3 Transfer Characteristics
Figure 5 Capacitance vs Drain to Source Voltage
Figure 2 Static Drain to Source Resistance
vs Drain Current
Figure 4 Temperature Variation of Gate to
Source Threshold Voltage
Figure 6 Gate to Source Voltage vs
Total Gate Charge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com