Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF341 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF341
Description  N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF341 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF341 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF341 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF341 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF341 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF341 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRF340-343/IRF740-743 T-39-13
MTM8N35/8N40
N-Channel Power MOSFETs
10A, 350V/400V
www.artschip.com
1
Description
These devices are n-channel, enhancement mode, power
MOSFETs designed especially for high voltage, high speed
applications, such as off-line switching power supplies, UPS,
AC and DC motor controls, relay and solenoid drivers.
VGS Rated at ±20V
Silicon Gate for Fast Switching Speeds
IDSS, VDS(on), SOA and VGS(th) Specified at Elevated
Temperature
Rugged
TO-204AA
IRF340
IRF341
IRF342
IRF343
MTM8N35
MTMT8N40
TO-220AB
IRF740
IRF741
IRF742
IRF743
Maximum Ratings
Symbol
Characteristic
Rating
IRF340/342
IRF740/742
MTM8N40
Rating
IRF341/343
IRF741/743
MTM8N35
Unit
VDSS
Drain to Source Voltage
400
350
V
VDGR
Drain to Gate Voltage
RGS=1.0M Ω
400
350
V
VGS
Gate to Source Voltage
±20
±20
V
TJ,Tstg
Operating Junction Temperature
Storage Temperature
-55 to +150
-55 to +150
℃
TL
Maximum Lead Temperature
for Soldering Purposes,
1/8” From Case for 5S
275
275
℃
Maximum On-State Characteristics
IRF340/341
IRF740/741
IRF342/343
IRF742/743
MTM8N35
MTM8N40
RDS(on)
Static Drain-to-Source
On Resistance
0.55
0.80
0.55
Ω
ID
Drain Current
Continuous
Pulsed
10
40
8
32
8
48
A
Maximum Thermal Characteristics
RӨJC
Thermal Resistance,
Junction to Case
1.0
1.0
0.83
℃
/W
PD
Total Power Dissipation
at Tc=25℃
125
125
150
W
Notes
For Information concerning connection diagram and package outline, refer to
Section 7.


Similar Part No. - IRF341

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF341 SAMSUNG-IRF341 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF341 FAIRCHILD-IRF341 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
logo
Inchange Semiconductor ...
IRF341 ISC-IRF341 Datasheet
47Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF3410 VBSEMI-IRF3410 Datasheet
1Mb / 8P
N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
More results

Similar Description - IRF341

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF420 ARTSCHIP-IRF420 Datasheet
381Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com