Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF510 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF510
Description  N-Channel Power Mosfets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF510 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF510 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF510 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF510 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF510 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF510 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRL510-513
N-Channel Power Mosfets
www.artschip.com
1
Description
The devices are n-channel, enhancement mode, power
MOSFETs designed especially for high speed applications,
such as switching power supplies, converters, AC and DC
motor controls, relay and solenoid drivers and other pulse
circuits.
Low RDS(on)
VGS Rated at ±20V
Sillcon Gate for Fast Switching Speeds
IDSS, VDS(on), Specified at Elevated Temperature
Rugged
Low Drive Requirements
Ease of Parallelling
TO-220AB
IRF510
IRF511
IRF512
IRF513
MTP4N08
MTP4N10
Maximum Ratings
Symbol
Characteristic
Rating
IRF510/512
MTP4N10
Rating
MTP4N08
Rating
IRF511/513
Unit
VDSS
Drain to Source Voltage 1
100
80
60
V
VDGR
Drain to Gate Voltage 1
RGS=20k Ω
100
80
60
V
VGS
Gate to Source Voltage
±20
±20
±20
V
TJ, Tstg
Operating Junction and Storage
Temperatures
-55 to +150
-55 to +150
-55 to +150
℃
TL
Maximum Lead Temperature
for Soldering Purposes,
1/8” From Case for 5s
275
275
275
℃
Maximum On-State Characteristics
IRF510/511
IRF512/513
MTP4N08/10
RDS(on)
Static Drain-to-Source
On Resistance
0.60
0.80
0.80
Ω
ID
Drain Current
Continuous at Tc=25℃
Continuous at Tc=100℃
Pulsed
4.0
2.5
16
3.5
2.0
14
5.0
3.5
14
A
Maximum Thermal Characteristics
R ӨJC
Thermal Resistance
Junction to Case
6.4
6.4
2.5
℃
/W
R ӨJA
Thermal Resistance
Junction to Ambient
80
80
80
℃
/W
PD
Total Power Dissipation
at Tc=25℃
20
20
50
W
Notes
For information concerning connection dregram and package outline, refer to
Section 7.


Similar Part No. - IRF510

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
IRF510 SUTEX-IRF510 Datasheet
70Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS Power FETs
logo
Fairchild Semiconductor
IRF510 FAIRCHILD-IRF510 Datasheet
151Kb / 5P
N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
Intersil Corporation
IRF510 INTERSIL-IRF510 Datasheet
70Kb / 7P
5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET
November 1999
logo
International Rectifier
IRF510 IRF-IRF510 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
logo
Harris Corporation
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
More results

Similar Description - IRF510

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com