Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF510 Datasheet (PDF) - Intersil Corporation

IRF510 Datasheet PDF - Intersil Corporation
Part # IRF510
Download  IRF510 Download
File Size   70.43 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET

IRF510 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF510 Datasheet PDF - Intersil Corporation

Part # IRF510
Download  IRF510 Click to download

File Size   70.43 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET

IRF510 Datasheet (HTML) - Intersil Corporation


IRF510 Product details

5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.



Features

• 5.6A, 100V

•rDS(ON)= 0.540Ω

• Single Pulse Avalanche Energy Rated

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRF510

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
IRF510 SUTEX-IRF510 Datasheet
70Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS Power FETs
logo
Fairchild Semiconductor
IRF510 FAIRCHILD-IRF510 Datasheet
151Kb / 5P
N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
International Rectifier
IRF510 IRF-IRF510 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
logo
Harris Corporation
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
Vishay Siliconix
IRF510 VISHAY-IRF510 Datasheet
1Mb / 8P
Power MOSFET
30-Jun-08
More results


Similar Description - IRF510

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
July 1999
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
March 1999
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
March 1999
IRFR110 INTERSIL-IRFR110 Datasheet
60Kb / 7P
4.7A, 100V, 0.540 Ohm, N-Channel Power MOSFETs
July 1999
IRFR9120 INTERSIL-IRFR9120 Datasheet
73Kb / 7P
5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
IRFP140 FAIRCHILD-IRFP140 Datasheet
104Kb / 7P
31A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com