Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF710 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF710
Description  N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF710 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF710 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF710 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF710 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF710 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF710 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRF710-713 / MTP2N35 / 2N40
N-Channel Power MOSFETs, 2.25 A, 350-400V
www.artschip.com
1
Description
These devices are n-channel, enhancement mode, power
MOSFETs designed especially for high speed applications,
such as switching power supplies, converters, AC and DC
motor controls, relay and solenoid driver and high energy
pulse circuits.
Low RDS(on)
VGS Rated at ±20V
Silicon Gate for Fast Switching Speeds
IDSS, VDS(on), Specified at Elevated Temperature
Rugged
Low Drive Requirements
Ease of Paralleling
TO-220AB
IRF711
IRF712
IRF713
MTP2N35
MTP2N40
Maximum Ratings
Symbol
Characteristic
Rating
IRF710/712
MTP2N40
Rating
IRF711/713
MTP2N35
Unit
VDSS
Drain to Source Voltage
1
400
350
V
VDGR
Drain to Gate Voltage
1
RGS=20k Ω
400
350
V
VGS
Gate to Source Voltage
±20
±20
V
TJ,Tsgt
Operating Junction and Storage
Temperatures
-55 to +150
-55 to +150
℃
TL
Maximum Lead Temperature for
Soldering Purposes,
1/8” From Case for 5 s
275
275
℃
Maximum On-State Characteristics
IRF710-711
IRF712-713
NTP2N35/40
Unit
RDS(on)
Static Drain-to-Source
On Resistance
3.6
5.0
5.0
Ω
ID
Drain Current
Continuous at Tc=25℃
Continuous at Tc=100℃
Pulsed
1.5
1.0
6.0
1.4
0.9
5.0
1.3
0.8
5.0
A
Maximum On-State Characteristics
R ӨJC
Thermal Resistance
Junction to Case
6.4
6.4
2.5
℃
/W
R ӨJA
Thermal Resistance,
Junction to Ambient
80
80
80
℃
/W
PD
Total Power Dissipation
at Tc=25℃
20
20
50
W
Notes
For information concerning connection diagram and package outline, refer to
Section 7.


Similar Part No. - IRF710

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF710 FAIRCHILD-IRF710 Datasheet
147Kb / 5P
N-Channel Power MOSFETs, 2.25A, 350-400V
logo
Intersil Corporation
IRF710 INTERSIL-IRF710 Datasheet
56Kb / 7P
2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET
June 1999
logo
Vishay Siliconix
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
New Jersey Semi-Conduct...
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
IRF710-713 MTP2N35/2N40 N-Channel Power MOSFETs
IRF710 NJSEMI-IRF710 Datasheet
791Kb / 3P
N-Channel Power MOSFETs, 2.25 A, 350-400 V
More results

Similar Description - IRF710

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com