Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2N18 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MTP2N18
Description  N-Channel Power Mosfets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MTP2N18 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MTP2N18 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N18 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N18 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N18 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N18 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRF610-613
MTP2N18/20N20
N-Channel Power Mosfets
3.5A,150-220V
www.artschip.com
1
Description
These devices are n-channel, enhancement mode, power
MOSFETs designed especially for high speed applications,
such as switching power supplies, converters, AC and DC
motor controls, relay and solenoid drivers and other pulse
circuits.
Low RDS(on)
VGS Rated at ±20V
Silicon Gate for Fast Switching Speeds
IDSS, VDS(on), Specified at Elevated Temperature
Rugged
Low Drive Requirements
Ease of Paralleling
TO-220AB
IRF610
IRF611
IRF612
IRF613
MTP2N18
MTP2N20
Maximum Ratings
Symbol
Characteristic
Ratings
IRF610/612
MTP2N20
Rating
MTP2N18
Rating
IRF611/613
Unit
VDSS
Drain to Source Voltage1
200
180
150
V
VDGR
Drain to Gate Voltage1
RGS=20kΩ
200
180
150
V
VGS
Gate to Source Voltage
±20
±20
±20
V
TJ, Tstg
Operating Junction and Storage Temperature
-55 to +150
-55 to +150
-55 to +150
℃
TL
Maximum Lead Temperature for Soldering
Purposes, 1/8” From Case for 5S
275
275
275
℃
Maximum On-State Characteristics
IRF610/611
MTP2M18/20
IRF612/613
RDS(on)
Static Drain-to-Source
On Resistance
1.5
1.8
2.4
Ω
ID
Drain Current
Continuous at Tc=25℃
Continuous at Tc=100℃
Pulsed
2.5
1.5
10
3.25
2.25
9.0
2.0
1.25
8.0
A
Maximum Thermal Characteristics
R ӨJC
Thermal Resistance
Junction to Case
6.4
2.5
6.4
℃
/W
R ӨJA
Thermal Resistance,
Junction to Ambient
80
80
80
℃
/W
PD
Total Power Dissipation
At Tc=25℃
20
50
20
W
Notes
For information concerning connection diagram and package outline, refer to
Section 7.


Similar Part No. - MTP2N18

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP2N18 NJSEMI-MTP2N18 Datasheet
113Kb / 3P
N-Channel Power MOSFETs 3.5 A, 150-200 V
MTP2N18 NJSEMI-MTP2N18 Datasheet
113Kb / 3P
N-Channel Power MOSFETs 3.5 A, 150-200 V
logo
Inchange Semiconductor ...
MTP2N18 ISC-MTP2N18 Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MTP2N18

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com