Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2N18 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MTP2N18
Description  N-Channel Power Mosfets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MTP2N18 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MTP2N18 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N18 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N18 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N18 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N18 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IRF610-613
MTP2N18/20N20
N-Channel Power Mosfets
3.5A,150-220V
www.artschip.com
2
Electrical Characteristics
(Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Min
Max
Unit
Test Conditions2
Off Characteristics
200
180
V(BR)DSS
Drain Source Breakdown Voltage1
IRF610/612/MTP2N20
MTP2N16
IRF611/613
150
V
VGS=0V, ID=250µA
250
µA
VDS=Rated VDSS, VGS=0V
IDSS
Zero Gate Voltage Drain Current
1000
µA
VDS=0.8 x Rated VDSS,
VGS=0V, Tc=125℃
IGSS
Gate-Body Leakage Current
±500
nA
VGS=±20V, VDS=0V
On Characteristics
2.0
4.0
VGS(th)
Gate Threshold Voltage
IRF610-613
MTP2N18/20
2.0
4.5
V
ID=250µA, VDS=VGS
ID=1mA, VDS=VGS
1.5
2.4
RDS(on)
Static Drain-Source On-Resistance
2
IRF610/611
IRF612/613
MTP2N18/20
1.8
Ω
VGS=10V, ID=1.25A
ID=1.0A
4.4
V
VGS=10V; ID=2.0A
VDS(on)
Drain-Source On-Voltage 2
MTP2N18/2N20
3.6
V
VGS=10V; ID=1.0A;
TC=100
gfs
Forward Transconductance
0.8
S( )
VDS=10V, ID=1.25A
Dynamic Characteristics
Ciss
Input Capacitance
200
pF
Coss
Output Capacitance
80
pF
Crss
Reverse Transfer Capacitance
25
pF
VDS=25V, VGS=0V
f=1.0MHz
Switching Characteristics
(Tc=25℃, Figures 11,12)
3
td(on)
Turn-On Delay Time
15
ns
tr
Rise Time
25
ns
td(off)
Turn-Off Delay Time
15
ns
tf
Fall Time
15
ns
VDD=50V, ID=1.25A
VGS=10V, RGEN=50Ω
RGS=50Ω
Qg
Total Gate Charge
7.5
nC
VGS=10V, ID=3.0A
VDD=45V
Electrical Characteristics
(Cont.) (Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Typ
Max
Unit
Test Conditions
Source-Drain Diode Characteristics
Diode Forward Voltage
IRF610/611
2.0
V
IS=2.5A; VGS=0V
VSD
IRF612/613
1.8
V
IS=2.0A; VGS=0V
trr
Reverse Recovery Time
290
ns
IS=2.5A; dls/dt=25A/µS
Notes
1.
TJ=+25℃ to +150℃
2.
Pulse test; Pulse width ≤ 80µS, Duty Cycle ≤ 1%
3.
Switching time measurements performed on LEM TR-58 test equipment.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com