Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3205 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF3205
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF3205 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF3205 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRF3205
HEXFET ® Power MOSFET
www.artschip.com
1
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175℃ Operating Temperature
Fast Switching
Fully Avalanche Rated
VDSS=55V
RDS(on)=8.0mΩ
ID=110A
⑤
Description
Advanced HEXFET ® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely
low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that
HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a
wide variety of applications.
The TO-220 packages is universally preferred for all commercial-industrial applications at power dissipation levels to
approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance
throughout the industry.
Absolute Maximum Ratings
Parameter
Max.
Units
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
110⑤
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
80
IDM
Pulsed Drain Current ①
390
A
PD @ Tc=25℃
Power Dissipation
200
W
Linear Derating Factor
1.3
W/℃
VGS
Gate-to-Source Voltage
±20
V
IAR
Avalanche Current ①
62
A
EAR
Repetitive Avalanche Energy ①
20
mJ
dv/dt
Peak Diode Recovery dv/dt ③
5.0
V/ns
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to +175
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
℃
Mounting torque, 6-32 or M3 srew
10 Ibf
•in (1.1 N•m)
Thermal Resistance
Parameter
Typ.
Max.
Units
RӨJC
Junction-to-Case
-
0.75
RӨCS
Case-to-Sink, Flat, Greased Surface
0.50
-
RӨJA
Junction-to-Ambient
-
62
℃
/W


Similar Part No. - IRF3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205 IRF-IRF3205 Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
logo
Kersemi Electronic Co.,...
IRF3205 KERSEMI-IRF3205 Datasheet
4Mb / 12P
Advanced Process Technology Ultra Low On-Resistance
logo
Nell Semiconductor Co.,...
IRF3205 NELLSEMI-IRF3205 Datasheet
622Kb / 7P
N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
IRF3205 THINKISEMI-IRF3205 Datasheet
970Kb / 5P
N-Channel Trench Process Power MOSFET Transistor
More results

Similar Description - IRF3205

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com