Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3205 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF3205
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF3205 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF3205 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF3205 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF3205
HEXFET ® Power MOSFET
www.artschip.com
2
Electrical Characteristics @ TJ=25℃ (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
-
-
V
VGS=0V, ID=250µA
∆V(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
-
0.057
-
V/℃
Reference to 25℃, ID=1mA
RDS(on)
Static Drain-to-Source On-Resistance
-
-
8.0
mΩ
VGS=10V, ID=62A ④
VGS(th)
Gate Threshold Voltage
2.0
-
4.0
V
VDS=VGS, ID=250µA
gfs
Forward Transconductance
44
-
-
S
VDS=25V, ID=62A ④
-
-
25
VDS=55V, VGS=0V
IDSS
Drain-to-Source Leakage Current
-
-
250
µA
VDS=44V, VGS=0V, TJ=150℃
Gate-to-Source Forward Leakage
-
-
100
VGS=20V
IGSS
Gate-to-Source Reverse Leakage
-
-
-100
nA
VGS=-20V
Qg
Total Gate Charge
-
-
146
Qgs
Gate-to-Source Charge
-
-
35
Qgd
Gate-to-Drain (“Miller”) Charge
-
-
54
nC
ID=62A
VDS=44V
VGS=10V, See Fig.6 and 13
td(on)
Turn-On Delay Time
-
14
-
tr
Rise Time
-
-101
-
td(off)
Turn-On Delay Time
50
-
tf
Fall Time
-
65
-
ns
VDD=28V
ID=62A
RG=4.5 Ω
VGS=10V, See Fig.10④
LD
Internal Drain Inductance
-
4.5
-
LS
Internal Source Inductance
-
7.5
-
nH
Between lead,
6mm (0.25in.)
From package
And center of
die contact
Ciss
Input Capacitance
-
3247
-
Coss
Output Capacitance
-
781
-
Crss
Reverse Transfer Capacitance
-
211
-
pF
VGS=0V
VDS=25V
f=1.0MHz, See Fig.5
EAS
Single Pulse Avalanche Energy ②
-
1050⑥
264⑦
mJ
IAS=62A, L=138µH
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
-
-
110
ISM
Pulsed Source Current
(Body Diode) ①
-
-
390
A
MOSFET symbol
showing
the
integral
reverse
p-n junction diode.
VDS
Diode Forward Voltage
-
-
1.3
V
TJ=25℃, IS=62A, VGS=0V④
trr
Reverse Recovery Time
-
69
104
ns
Qrr
Reverse Recovery Charge
-
143
215
nC
TJ=25℃, IF=62A
di/dt=100A/µS④
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
Repetitive rating; pulse width limited by max. junction temperature. (See fig.11)
Starting TJ=25℃, L=138µH, RG=25Ω, IAS=62A. (See fig. 12)
ISD≤62A, di/dt≤207A/µs, VDD ≤V(BR)DSS, TJ≤175℃
Pulse width ≤400µs; duty cycle ≤2%.
Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A.
This is a typical value at device destruction and represents operation outside rated limits.
This is a calculated value limited to TJ=175℃.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com