Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS466N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS466N
Description  TRI-STATE Octal Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS466N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS466N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
’LS465 and ’LS467 Switching Characteristics
VCC e 5V TA e 25 C
RL e 667X
Symbol
Parameter
CL e 50 pF
CL e 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
16
25
ns
Low to High Level Output
tPHL
Propagation Delay Time
28
40
ns
High to Low Level Output
tPZH
Output Enable Time
25
30
ns
to High Level Output
tPZL
Output Enable Time
30
42
ns
to Low Level Output
tPHZ
Output Disable Time
20
ns
from High Level Output (Note 1)
tPLZ
Output Disable Time
27
ns
from Low Level Output (Note 1)
Note 1
CL e 5 pF
’LS466 (’LS96A) and ’LS468 (’LS98A) Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
27
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
05
V
Voltage
VIL e Max VIH e Min
IOL e 12 mA VCC e Min
04
II
Input Current
Max
VCC e Max VI e 7V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input
VCC e Max
VI e 05V
A (Note 4)
b
20
Current
VI e 04V
A (Note 5)
b
50
m
A
G
b
50
IOZH
Off-State Output Current
VCC e Max VO e 24V
with High Level Output
VIH e Min VIL e Max
20
m
A
Voltage Applied
IOZL
Off-State Output Current
VCC e Max VO e 04V
with Low Level Output
VIH e Min VIL e Max
b
20
m
A
Voltage Applied
IOS
Short Circuit
VCC e Max
b
20
b
100
mA
Output Current
(Note 3)
ICC
Supply Current
VCC e Max (Note 5)
13
21
mA
Note 2
All typicals are at VCC e 5V TA e 25 C
Note 3
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 4
Both G inputs are at 2V
Note 5
Both G inputs are at 04V
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com