Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS466N Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS466N
Description  TRI-STATE Octal Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS466N Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DM74LS466N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS466N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
’LS466 and ’LS468 Switching Characteristics
for test waveforms and output load VCC e 5V TA e 25 C
RL e 667X
Symbol
Parameter
CL e 50 pF
CL e 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
10
16
ns
Low to High Level Output
tPHL
Propagation Delay Time
17
30
ns
High to Low Level Output
tPZH
Output Enable Time
15
30
ns
to High Level Output
tPZL
Output Enable Time
35
45
ns
to Low Level Output
tPHZ
Output Disable Time
20
ns
from High Level Output (Note 1)
tPLZ
Output Disable Time
27
ns
from Low Level Output (Note 1)
Note 1
CL e 5 pF
Function Tables
LS465 (LS95A)
Inputs
Output
G1G2A
Y
H
X
X
Hi-Z
X
H
X
Hi-Z
LL
H
H
LL
L
L
LS467 (LS97A)
Inputs
Output
G
A
Y
H
X
Hi-Z
LH
H
LL
L
H e High Logic Level
L e Low Logic Level
X e Either High or Low Logic Level
Hi-Z e High Impedance (Off) State
LS466 (LS96A)
Inputs
Output
G1G2A
Y
H
X
X
Hi-Z
X
H
X
Hi-Z
LL
H
L
LL
L
H
LS468 (LS98A)
Inputs
Output
G
A
Y
H
X
Hi-Z
LH
L
LL
H
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com