Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3632 Datasheet(PDF) 7 Page - Shanghai awinic technology co.,ltd

Part # AW3632
Description  High efficiency, low profile, fixed 5 V output pump power supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3632 Datasheet(HTML) 7 Page - Shanghai awinic technology co.,ltd

Back Button AW3632 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW3632 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW3632 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3632 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3632 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3632 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3632 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW3632 Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW3632 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AW3632 产品手册
2013 年 05 月 V1.1
测试条件
电学特性参数以及典型特性曲线无特别说明,均基于芯片在表 4 中所列出的测试条件测试得到,
测试条件如下表所示:
参数
数值
单位
电源电压
2.8~5.5
V
环境温度
-40~85
EN 输入使能电压
1.5~VIN
V
CIN,CFLY1,CFLY2
1.0±20%
μF
COUT
2.2±20%
μF
表 4 典型曲线和参数的测试条件



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com