Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3632 Datasheet (PDF) - Shanghai awinic technology co.,ltd

Part # AW3632
Description  High efficiency, low profile, fixed 5 V output pump power supply
File Size   979.81 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3632 Datasheet (PDF) - Shanghai awinic technology co.,ltd



Similar Part No. - AW3632

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW3605 AWINIC-AW3605 Datasheet
1Mb / 23P
Computer-lImIted value variable voltage DC converter, 5 V output voltage synchronous voltage DC-DC converter
AW3605DNR AWINIC-AW3605DNR Datasheet
1Mb / 23P
Computer-lImIted value variable voltage DC converter, 5 V output voltage synchronous voltage DC-DC converter
AW3640 AWINIC-AW3640 Datasheet
1Mb / 16P
200mA 1-Wire Configurable Front Flash LED Driver with Ultra Small Package
AW36402 AWINIC-AW36402 Datasheet
2Mb / 39P
High Efficiency, Dual 1.5A Flash LED Driver
AW36402 AWINIC-AW36402 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
More results


Similar Description - AW3632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56100 TI-TPS56100 Datasheet
370Kb / 27P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Allegro MicroSystems
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
High Efficiency Dual Output Power Supply Controller
4/04-Data Sheet changed from Rev. 0 to Rev. A
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391_11 Datasheet
654Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller
April 7, 2011
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
5 V, 250 mA Dual Output Power Supply
logo
Analog Devices
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
High Efficiency Dual Output Power Supply Controller
REV. A
logo
Texas Instruments
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS56100 TI1-TPS56100_16 Datasheet
535Kb / 30P
HIGH-EFFICIENCY DSP POWER SUPPLY CONTROLLER FOR 5-V INPUT SYSTEMS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com