Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8181 Datasheet (PDF) - Allegro MicroSystems

8181 Datasheet PDF - Allegro MicroSystems
Part # 8181
Download  8181 Download
File Size   103.44 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY

8181 Datasheet (PDF)

Go To PDF Page Download Datasheet
8181 Datasheet PDF - Allegro MicroSystems

Part # 8181
Download  8181 Click to download

File Size   103.44 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY

8181 Datasheet (HTML) - Allegro MicroSystems


8181 Product details

LOW-DROPOUT, 5 V REGULATOR — HIGH EFFICIENCY

Especially suited for hand-held, portable, battery-operated equipment such as cellular telephones, the A8181SLB low dropout voltage regulator provides high efficiency for maximum battery life in a minimum package size. Equally applicable to camcorders and portable computers, the device provides a fixed 5 V regulated continuous output at almost 200 mA of load current under worst-case conditions. Under normal operating conditions, output currents over 500 mA are permitted.

FEATURES AND BENEFITS
■ High Efficiency Provides Extended Battery Life
■ Less Than 300 mV Dropout Voltage
■ Low Quiescent Current
■ >200 mA Output Current
■ LSTTL-Compatible ON/OFF Control
    For Sequential Power-up or Emergency Shutdown
■ Internal Thermal Protection
■ SOIC Surface-Mount Package




Similar Part No. - 8181

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8181 FILTRAN-8181 Datasheet
142Kb / 1P
T1/E1 Dual Input / Output Transformers
logo
NTE Electronics
8181 NTE-8181 Datasheet
61Kb / 1P
Thermal Cutoff
logo
Christian Bürkert GmbH ...
8181 BURKERT-8181 Datasheet
541Kb / 7P
Level float switch
27.03.2024
logo
Festo Corporation.
8181092 FESTO-8181092 Datasheet
70Kb / 1P
Filter
8181093 FESTO-8181093 Datasheet
68Kb / 1P
Filter
More results


Similar Description - 8181

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8182 ALLEGRO-8182 Datasheet
111Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8183 ALLEGRO-8183 Datasheet
108Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
1.5A High Efficiency Low Dropout Regulator
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
5 V low dropout voltage regulator
02-Oct-2012
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
5 V low dropout voltage regulator
19-Sep-2013
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
3A High-Efficiency Low Dropout Regulator
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com