Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8183 Datasheet (PDF) - Allegro MicroSystems

8183 Datasheet PDF - Allegro MicroSystems
Part # 8183
Download  8183 Download
File Size   108.07 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY

8183 Datasheet (PDF)

Go To PDF Page Download Datasheet
8183 Datasheet PDF - Allegro MicroSystems

Part # 8183
Download  8183 Click to download

File Size   108.07 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY

8183 Datasheet (HTML) - Allegro MicroSystems


8183 Product details

Designed specifically to meet the requirement for extended operation of battery-powered equipment such as cordless and cellular telephones, the A8183SLU voltage regulator offers the reduced dropout voltage and quiescent current essential for maximum battery life.
Applicable also to palmtop computers and personal data assistants, the device delivers a regulated, continuous 3 V output at up to 75 mA under normal operating conditions, or to 150 mA (transient) under worst-case conditions.

FEATURES AND BENEFITS
■ High Efficiency Provides Extended Battery Life
■ 90 mV Typical Dropout Voltage at IO = 60 mA
■ 45 µA Typical Quiescent Current at VI = 6 V
   Less Than 1 µA “Sleep” Current
■ Up to 150 mA Output Current
■ CMOS-Compatible ON/OFF Control
   For Power-Up, Standby, or Shutdown
■ Internal Thermal Protection
■ Surface-Mount Package

APPLICATIONS
■ Cordless and Cellular Telephones
■ Personal Data Assistants
■ Personal Communicators
■ Palmtop Computers




Similar Part No. - 8183

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8183020 FIBOX-8183020 Datasheet
66Kb / 2P
Cabinet, ABS, Smoked transparent door
11.01.2023
8183025 FIBOX-8183025 Datasheet
61Kb / 2P
Cabinet, ABS, Smoked transparent door
11.01.2023
8183030 FIBOX-8183030 Datasheet
64Kb / 2P
Cabinet, ABS, Smoked transparent door
11.01.2023
8183031 FIBOX-8183031 Datasheet
61Kb / 2P
Cabinet, ABS, Smoked transparent door
11.01.2023
8183032 FIBOX-8183032 Datasheet
67Kb / 3P
Cabinet, ABS, Smoked transparent door
11.01.2023
More results


Similar Description - 8183

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
8182 ALLEGRO-8182 Datasheet
111Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
1.5A High Efficiency Low Dropout Regulator
MIC38300 MICREL-MIC38300_10 Datasheet
574Kb / 12P
HELDO 3A High Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150_10 Datasheet
507Kb / 15P
HELDO짰 1.5A High Efficiency Low Dropout Regulator
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
3A High-Efficiency Low Dropout Regulator
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com