Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8186 Datasheet (PDF) - Allegro MicroSystems

8186 Datasheet PDF - Allegro MicroSystems
Part # 8186
Download  8186 Download
File Size   76.89 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY

8186 Datasheet (PDF)

Go To PDF Page Download Datasheet
8186 Datasheet PDF - Allegro MicroSystems

Part # 8186
Download  8186 Click to download

File Size   76.89 Kbytes
Page   8 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY

8186 Datasheet (HTML) - Allegro MicroSystems


8186 Product details

LOW-DROPOUT, 3.3 V REGULATOR — HIGH EFFICIENCY

Designed specifically to meet the requirement for extended operation of battery-powered equipment such as cordless and cellular telephones, the A8186SLU voltage regulator offers the reduced dropout voltage and quiescent current essential for maximum battery life. Applicable also to palmtop computers and personal data assistants, the device delivers a regulated, continuous 3.3 V output at up to 75 mA under normal operating conditions, or to 150 mA (transient) under worst-case conditions.

FEATURES AND BENEFITS
■ High Efficiency Provides Extended Battery Life
■ 85 mV Typical Dropout Voltage at IO = 60 mA
■ 45 µA Typical Quiescent Current at VI = 6 V
   Less Than 1 µA “Sleep” Current
■ Up to 150 mA Output Current
■ CMOS-Compatible ON/OFF Control
   For Power-Up, Standby, or Shutdown
■ Internal Thermal Protection
■ Surface-Mount Package

APPLICATIONS
■ Cordless and Cellular Telephones
■ Personal Data Assistants
■ Personal Communicators
■ Palmtop Computers




Similar Part No. - 8186

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8186207 FESTO-8186207 Datasheet
70Kb / 1P
Coupling
8186653 FESTO-8186653 Datasheet
83Kb / 2P
Pressure sensor
8186784 FESTO-8186784 Datasheet
89Kb / 2P
Proportional directional control valve
8186870 FESTO-8186870 Datasheet
99Kb / 1P
Sub-base
8186871 FESTO-8186871 Datasheet
99Kb / 1P
Sub-base
More results


Similar Description - 8186

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
8182 ALLEGRO-8182 Datasheet
111Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8183 ALLEGRO-8183 Datasheet
108Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
logo
List of Unclassifed Man...
G901 ETC-G901 Datasheet
155Kb / 5P
3.3 V 300MA LOW DROPOUT REGULATOR
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
1 A, Low-Dropout, 3.3 V Regulator
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
High-Current, Low-Dropout, 3.3 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
High-Current, Low-Dropout, 3.3 V Regulator
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
3A High-Efficiency Low Dropout Regulator
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com