Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW8110CSR Datasheet(PDF) 12 Page - Shanghai awinic technology co.,ltd

Part # AW8110CSR
Description  Non-Crack-Noise, Ultra-Low-EMI, 3W, Mono, Filter-Free, Class-D Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8110CSR Datasheet(HTML) 12 Page - Shanghai awinic technology co.,ltd

Back Button AW8110CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AW8110 Datasheet
June 2010 V1.3
COPYRIGHT ©2009 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
Page 12 of 14
 
NCN Function
In audio application, output signal will be unde-
sirable distortion caused by too large input and
power supply voltage down with battery, and
clipped output signal may cause permanent
damage to the speaker. The AW8110 features
unique Non-Crack-Noise (NCN) Function, which
adjusts system gain automatically to generate de-
sired output
by detecting the “Crack” distortion of
output signal, protects the speaker from damage
at high power levels and brings the most com-
fortable listening experience to the customers.
Attack Time is the time it takes to reduce the gain
after the output has clipped.
Release Time is the time it takes for the gain to
return to its normal level after clipped.
Table 1 NCN Parameter
Attack Time
Release Time
45ms
2.6s
Output signal if no power supply limit
Output signal in NCNOFF
mode
Output signal in NCNON mode
Release Time
Attack Time
Figure 6 NCN Function Diagram
Efficiency
Efficiency of a Class D amplifier is attributed to the
switching operation of the output stage transistors.
In a Class D amplifier, the output transistors act as
current steering switches and consume negligible
additional power. Any power loss associated with
the Class D output stage is mostly due to the I
2R
loss of the MOSFET on-resistance and supply
current. The AW8110 features efficiency of 90%.
Protection Function
When a short-circuit occurs between VOP/VON
pin and VDD/GND or VOP and VON, the
over-current circuit shutdown the device, pre-
venting the device from being damaged. When
the condition is removed, the AW8110 reactivate
itself. When the junction temperature is high, the
over-temperature circuit shutdown the device.
The circuit switches back to normal operation
when the temperature decreases to safe levels.
The UVLO circuit will shutdown the device when
power supply is low. AW8110 wake-up again
when power supply becomes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com