Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW8110CSR Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW8110CSR
Description  Non-Crack-Noise, Ultra-Low-EMI, 3W, Mono, Filter-Free, Class-D Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8110CSR Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW8110CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW8110CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AW8110 Datasheet
June 2010 V1.3
COPYRIGHT ©2009 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
Page 13 of 14
 
Applications Information
Supply Decoupling Capacitor
The AW8110 is a high-performance class-D audio
amplifier that requires adequate power supply
decoupling to ensure the efficiency is high and
Total Harmonic Distortion (THD) is low. For higher
frequency transients, a good low Equiva-
lent-Series-Resistance (ESR) ceramic capacitor,
typically 1μF, placed as close as possible to the
device VDD pin works best. For filtering low-
er-frequency noise signals, a 10 μF or greater
capacitor placed near the audio power amplifier
would also help.
Input Resistors
The input resistors set the gain of the amplifier
according to equation as follow.
Rin
kΩ
150
3
Gain
×
=
⎟
⎠
⎞
⎜
⎝
⎛
V
V
The resistor matching is very important. CMRR,
PSRR and THD diminish if resistor mismatch oc-
curs. Therefore, it is recommended use 1% to-
lerance resistors or better to keep the perfor-
mance optimized. Place the input resistors very
close to the AW8110 to limit noise injection on the
high- impedance nodes.
Input Capacitor
The input coupling capacitor blocks the DC vol-
tage at the amplifier input terminal. The input ca-
pacitors and input resistors form a high-pass filter
with the corner frequency, fc.
      
1
2
C
f
RinCin
π
=
.
Setting the high-pass filter point high can block
the 217Hz GSM noise coupled to inputs. Better
matching of the input capacitors improves per-
formance of the circuit and also help to suppress
pop-click noise.
Ferrite Chip Bead and Capacitor
The AW8110 passed FCC and CE radiated emis-
sions with no ferrite chip beads and capacitors
with speaker trace wires 24 inch. Use ferrite chip
beads and capacitors if device near the EMI sen-
sitive circuits and/or there are long leads from
amplifier to speaker, placed as close as possible
to the output pin.
Figure 7 Ferrite Chip Bead and capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com