Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW8737 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW8737
Description  High efficiency, low noise, super low distortion, constant pitch volume, seventh generation K music.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8737 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW8737 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AW8737 产品手册
2017 年 11 月 V1.2
www.awinic.com.cn
版权所有© 2017 上海艾为电子技术股份有限公司
4
C1P
AW8737
C1N
COUT
4.7uF
10V
PVDD
INP
INN
3KΩ
15nF
3KΩ
15nF
Cin
Cin
Rin
Rin
VOP
VON
GND
VDD
SHDN
Pulse Input
1
2
CF1
2.2uF
CS1
4.7uF
VBAT
3
4
Cd
220pF
A4
A2
A1
C2,C3,C4
B4
D4
B1
B2
C2
1nF
C3
1nF
D3
A3,B3
D2
C1
C2P
C2N
CF2
2.2uF
B1,B2
D1
CS2
0.1uF
差分输入
图 5
AW8737 差分输入方式应用图
定购信息
产品型号
工作温度范围
封装形式
器件标记
湿敏等级
发货形式
AW8737FCR
-40℃~85℃
FC-16
8737
MSL3
卷带包装
3000 片/盘
AW8737
装运形式
R: Tape & Reel
封装形式
FC: FC16
绝对最大额定值
(注 2)
参数
范围
电源电压 VDD
-0.3V to 6V
INP,INN 引脚电压
-0.3V to VDD+0.3V
封装热阻
θJA
69℃/W
环境温度
-40℃ to 85℃
最大结温 TJMAX
125℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com