Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW8737 Datasheet(PDF) 15 Page - Shanghai awinic technology co.,ltd

Part # AW8737
Description  High efficiency, low noise, super low distortion, constant pitch volume, seventh generation K music.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8737 Datasheet(HTML) 15 Page - Shanghai awinic technology co.,ltd

Back Button AW8737 Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW8737 Datasheet HTML 19Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AW8737 产品手册
2017 年 11 月 V1.2
www.awinic.com.cn
版权所有© 2017 上海艾为电子技术股份有限公司
15
CF1
2.2uF
CF2
2.2uF
VDD
PVDD
C1P
C1N
C2P
C2N
S1
S2
S3
S4
S5
S6
S7
COUT
4.7uF
CIN
4.7uF
充电相
图 11
Φ1: Flying 电容充电
Φ2 中,如图 12 所示:S1,S2 和 S3 断开,S4,S5,S6 和 S7 闭合,由于电容两端的电压不能突
变,因此 Flying 电容 CF1,CF2 电压叠加在 VDD 上,使 PVDD 升到了更高的电压。
CF1
2.2uF
CF2
2.2uF
VDD
PVDD
C1P
C1N
C2P
C2N
S1
S2
S3
S4
S5
S6
S7
COUT
4.7uF
CIN
4.7uF
放电相
图 12
Φ2: Flying 电容电荷转移到输出电容 COUT
软启动
为了限制 K-chargepump 电荷泵启动过程中电源的浪涌电流,电荷泵具有软启动功能。启动过程中电
源电流限制在 350mA。软启动时间为 1.2ms。
限流控制
K-chargepump 电荷泵架构集成了限流控制环路,在正常工作中,当负载过重或者某种情况使电荷泵
流过很大电流时,限流控制环路控制电荷泵的最大输出电流能力,电源限流在 2A。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com