Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6221 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT6221
Description  Multi-Purpose Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT6221 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT6221 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6221 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6221 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6221 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6221 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6221 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6221 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6221 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT6221 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT6221/HT6222
Multi-Purpose Encoders
www.artschip.com
1
Features
Operating voltage: 1.8 ~3.5V
DOUT with 38kHz carrier for IR medium
Low standby current
Minimum transmission word: one word
455kHz ceramic resonator or crystal
16-bit address codes
8-bit data codes
PPM code method
Three double-active keys
Maximum active keys
-HT6221:32keys
-HT6222:64keys
Low power and high nose immunity
CMOS technology
Applications
Television and video cassette recorder controllers
Burglar alarm systems
Smoke and fire alarm systems
Garage door controllers
Car door controllers
Car alarm systems
Security systems
Other remote control systems
General Description
The HT6221/HT6222 are CMOS LSI encoders designed for use in remote control systems. They are capable of encoding 16-bit
address codes and 8-bits data codes. Each address/data input can be set to one of the two logic states, 0 and 1.
The HT6221/HT6222 contain 32 keys (K1~K32) and 64 keys (K1 ~ K64), respectively. When one of the keys is triggered, the
programmed address/data is transmitted together with the header bits via an IR (38kHz carrier) transmission medium.
Block Diagram


Similar Part No. - HT6221

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
HT6221 HOLTEK-HT6221 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
HT6221A HOLTEK-HT6221A Datasheet
179Kb / 19P
Multi-Purpose Encoders
HT6221B HOLTEK-HT6221B Datasheet
179Kb / 19P
Multi-Purpose Encoders
HT6221 HOLTEK-HT6221_07 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
More results

Similar Description - HT6221

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
HT6221 HOLTEK-HT6221_07 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
logo
KODENSHI_AUK CORP.
KE203 KODENSHI-KE203 Datasheet
180Kb / 3P
ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2B10 KODENSHI-KE-2B10 Datasheet
177Kb / 3P
ENCODERS
KE-2B12F KODENSHI-KE-2B12F Datasheet
179Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
ENCODERS
logo
Holtek Semiconductor In...
HT6220A HOLTEK-HT6220A Datasheet
179Kb / 19P
Multi-Purpose Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com