Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6221B Datasheet (PDF) - Holtek Semiconductor Inc

HT6221B Datasheet PDF - Holtek Semiconductor Inc
Part # HT6221B
Download  HT6221B Download
File Size   179.66 Kbytes
Page   19 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Multi-Purpose Encoders

HT6221B Datasheet (PDF)

Go To PDF Page Download Datasheet
HT6221B Datasheet PDF - Holtek Semiconductor Inc

Part # HT6221B
Download  HT6221B Click to download

File Size   179.66 Kbytes
Page   19 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Multi-Purpose Encoders

HT6221B Datasheet (HTML) - Holtek Semiconductor Inc


HT6221B Product details

General Description
The devices are CMOS LSI encoders designed for use in remote control systems. They are capable of encoding 16-bit address codes and 8-bit data codes. Each address/data input can be set to one of the two logic states, 0 and 1.
The HT6220A/HT6221A/HT6221B/HT6222A contain 30keys (K1~K20, K33~K34, K37~K38, K41~K42, K45~K46, K49~K50), 32 keys (K1~K32), 48 keys (K1~K32, K33~K34, K37~K38, K41~K42, K45~K46, K49~K50, K53~K54, K57~K58, K61~K62) and 64 keys (K1~K64), respectively. When one of the keys is triggered, the programmed address/data is transmitted to gether with the header bits via an IR (38kHz carrier) transmission medium.

Features
 Operating voltage: 2.0V~3.6V
 DOUT with 38kHz carrier for IR medium
 Low standby current
 Minimum transmission word: one word
 Build-in RC (Internal RC) oscillator
 16-bit address codes
 8-bit data codes
 PPM code method
 Three double-active keys
 Maximum active keys
   HT6220A: 30 keys
   HT6221A: 32 keys
   HT6221B: 48 keys
   HT6222A: 64 keys
 Low power and high noise immunity CMOS technology
 HT6220A: 16-pin NSOP package
 HT6221A/HT6221B: 20-pin SOP package
 HT6222A: 24-pin SOP package 

Applications
 Television , setup box and DVD player controllers
 Burglar alarm systems
 Smoke and fire alarm systems
 Garage door controllers
 Car door controllers
 Car alarm systems
 Security systems
 Other remote control systems




Similar Part No. - HT6221B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
HT6221 HOLTEK-HT6221 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
logo
ARTSCHIP ELECTRONICS CO...
HT6221 ARTSCHIP-HT6221 Datasheet
709Kb / 11P
Multi-Purpose Encoders
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221_07 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
More results


Similar Description - HT6221B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
HT6221 HOLTEK-HT6221_07 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
logo
KODENSHI_AUK CORP.
KE203 KODENSHI-KE203 Datasheet
180Kb / 3P
ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2B10 KODENSHI-KE-2B10 Datasheet
177Kb / 3P
ENCODERS
KE-2B12F KODENSHI-KE-2B12F Datasheet
179Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
ENCODERS
logo
ARTSCHIP ELECTRONICS CO...
HT6221 ARTSCHIP-HT6221 Datasheet
709Kb / 11P
Multi-Purpose Encoders
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com