Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6221B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT6221B
Description  Multi-Purpose Encoders
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT6221B Datasheet HTML 1Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 2Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 3Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 4Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings
Supply Voltage ..............................VSS
-0.3V to VSS+6V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristic
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.0
3.0
3.6
V
ISTB
Standby Current
3V
Oscillator stops
¾
0.1
1.0
mA
IDD
Operating Current
3V
fOSC=455kHz, no load
¾
600
900
mA
IOL1
Output Sink Current for DOUT
3V
VO=0.6V
300
350
¾
mA
IOH2
Output Source Current for LED
3V
VO=2.7V
-10
-60
¾mA
IOL2
Output Sink Current for LED
3V
VO=0.3V
12
¾
mA
IOH3
Output Source Current for C1~C8
3V
VO=2.7V
-0.6
-2.0
¾
mA
IOL3
Output Sink Current for C1~C8
3V
VO=0.3V
10
30
¾mA
VIH1
Input High Voltage for R1~R8
3V
¾
1.9
¾
3.0
V
VIL1
Input Low Voltage for R1~R8
3V
¾
0
¾
0.8
V
VIH2
Input High Voltage for C1~C8
3V
¾
1.6
¾
3.0
V
VIL2
Input Low Voltage for C1~C8
3V
¾
0
¾
0.6
V
VIH3
Input High Voltage for AIN
3V
¾
1.5
¾
3.0
V
VIL3
Input Low Voltage for AIN
3V
¾
0
¾
0.6
V
RPH1
Input Pull-high Resistance for AIN
3V
VIN=0V
100
200
400
k
W
RPL1
Input Pull-low Resistance for AIN
3V
VIN=3V
70
150
250
k
W
RPL2
Input Pull-low Resistance for R1~R8
3V
VIN=3V
120
200
320
k
W
RPL3
Input Pull-low Resistance for C1~C8
3V
VIN=3V
300
500
1500
k
W
fOSC
System Frequency
3V
Ta=25
°C
450.45
455
459.55
kHz
2.0V~
3.6V
0
°C<Ta<70°C
445.90
455
464.10
kHz
Note: fOSC specification is guaranteed by design under 0
°C<Ta<70°C and not subject to production testing.
HT6220A/HT6221A/HT6221B/HT6222A
Rev. 1.10
3
June 1, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com