Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6221B Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT6221B
Description  Multi-Purpose Encoders
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221B Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT6221B Datasheet HTML 1Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 2Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 3Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 4Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Pin Assignment
Pin Description
HT6222A
Pin No.
Pin Name
I/O
Internal Connection
Description
1~6
R3~R8
I
CMOS IN, Pull-low
Row control for keyboard matrix, active high
7
DOUT
O
NMOS OUT
Serial data output pin, with a 38kHz carrier
8
VDD
¾¾
Positive power supply, 2.0V~3.6V for normal operation
9
D7
I
CMOS IN
Most significant data bit (D7) code setting
10, 11
NC
¾¾
No connection
12
VSS
¾¾
Negative power supply, ground
13
LED
O
CMOS OUT
Transmission enable indicator output
14~21
C8~C1
I/O
CMOS IN/OUT, Pull-low Column control for keyboard matrix
22
AIN
I
CMOS IN, Pull-high
Pull-low
Low byte address codes (8 bits) scan input
23~24
R1~R2
I
CMOS IN, Pull-low
Row control for keyboard matrix, active high
Approximate Internal Connection Circuits
HT6220A/HT6221A/HT6221B/HT6222A
Rev. 1.10
2
June 1, 2010
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
A I N
C 1
C 2
C 3
C 4
C 5
C 6
C 7
C 8
L E D
R 1
R 2
R 3
R 4
D O U T
V D D
D 7
N C
N C
V S S
H T 6 2 2 1 A
2 0 S O P - A
H T 6 2 2 2 A
2 4 S O P - A
R 2
R 1
A I N
C 1
C 2
C 3
C 4
C 5
C 6
C 7
C 8
L E D
R 3
R 4
R 5
R 6
R 7
R 8
D O U T
V D D
D 7
N C
N C
V S S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
H T 6 2 2 0 A
1 6 N S O P - A
R 3
R 4
R 5
R 6
D O U T
V D D
D 7
V S S
R 2
R 1
A I N
C 1
C 2
C 3
C 4
C 5
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
A I N
C 1
C 2
C 3
C 4
C 5
C 6
C 7
C 8
L E D
R 1
R 2
R 3
R 4
D O U T
V D D
D 7
R 5
R 6
V S S
H T 6 2 2 1 B
2 0 S O P - A
V D D
C M O S I N / O U T
C M O S I N
P u l l - l o w
C M O S I N / O U T
P u l l - l o w
C M O S I N
C M O S O U T
V D D
N M O S O U T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com