Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM158 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM158
Description  Frequency - Compensated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM158 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM158 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.artschip.com
4
Absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
†
LM158, LM158A
LM258,LM258A
LM358,LM358A
LM2904V
LM2904
UNIT
Supply voltage. VCC (see Note 1)
±16 or 32
±13 or 26
V
Differential input voltage. VID (see Note 2)
±32
±26
V
Input voltage, VI (either input)
-0.3 to 32
-0.3 to 26
V
Duration of output short circuit (one amplifier) to ground
At (or below) 25℃ free-air temperature (VCC ≤15V) (see Notes 3)
Unlimited
unlimited
D package
97
97
DGK package
172
172
P package
85
85
PS package
95
95
Package thermal impedance, ӨJA (see Notes 4 and 5)
PW package
149
149
℃
/W
FK package
5.61
Package thermal impedance, ӨJA (see Notes 6 and 7)
JG package
14.5
℃
/W
LM158, LM158A
-55 to 125
LM258, LM258A
-25 to 85
LM358, LM358A
0 to 70
Operating free-air temperature range, TA
LM2904
-40 to 125
-40 to 125
℃
Operating virtual junction temperature, TJ
150
150
℃
Case temperature for 60 seconds
FK package
260
℃
Lead temperature 1,6mm (1/16 inch) from case for 60 seconds
JG package
300
300
℃
Storage temperature range, Tstg
-60 to 150
-65 to 150
℃
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com