Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM158 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM158
Description  Frequency - Compensated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM158 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM158 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM158 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.artschip.com
5
Electrical characteristics at specified free-air temperature, VCC =5V (Unless otherwise noted)
LM158
LM258
LM358
PARAMETER
TEST CONDITIONS
†
TA
MIN
TYP
§
MAX
MIN
TYP
§
MAX
UNIT
25℃
3
5
3
7
VIO
Input offset voltage
VCC=5V to MAX.
VIC = VICR (min).
VO=1.4V
Full range
7
9
mV
Average temperature
aVIO
coefficient of
input offset voltage
Full range
7
7
µV/℃
25℃
2
30
2
50
IIO
Input offset current
VO=1.4V
Full range
100
150
nA
Average temperature
a IIO
coefficient of
input offset current
Full range
10
10
pA/℃
25℃
-20
-150
-20
-250
IIB
Input bias current
VO=1.4V
Full range
-300
-500
nA
25℃
0 to
VCC-1.5
0 to
VCC-1.5
VICR
Common-mode
Input voltage range
VCC=5 V to MAX
Full range
0 to
VCC-2
0 to
VCC-2
V
RL≥2KΩ
25℃
VCC-1.5
VCC-1.5
RL≥10KΩ
25℃
RL=2KΩ
Full range
26
26
VOH
High-level
Output voltage
VCC=MAX
RL≥10KΩ
Full range
27
28
27
28
V
VOH
Low-level
Output voltage
RL≤10kΩ
Full range
5
20
5
20
mV
25℃
50
100
25
100
Large-signal
AVD
differential
Voltage amplification
VCC=1.5V,
VO=1V to 11V,
RL≥2kΩ
Full range
25
15
V/mV
CMRR
Common-mode
Rejection ratio
VCC=5V to MAX
VIC=VICR(min)
25℃
70
80
65
80
dB
Supply-voltage
KSVR
rejection ratio
(Δ
VDD/ΔVIO)
VCC=5V to MAX
25℃
65
100
65
100
dB
VO1/VO2 Crosstalk attenuation
F=1kHz to 20kHz
25℃
120
120
dB
25℃
-20
-30
-20
-30
VCC=15V
VID=1V
VO=0
Source
Full range
-10
-10
25℃
10
20
10
20
IO
Output current
VCC=15V
VID=-1V
VO=15V
Sink
Full range
5
5
mA
IOS
Output current
VID = -1V,VO=200mV
25℃
12
30
12
30
µA
IOS
Short-circuit
Output current
VCC at 5V, GND at –5V
VO=0
25℃
±40
±60
±40
±60
mA
VO=2.5V,No load
Full range
0.7
1.2
0.7
1.2
ICC
Supply current
(two amplifiers)
VCC =MAX, VO=0.5V
No load
Full range
1
2
1
2
mA
†All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.
MAX VCC for testing purposes is 26V for the LM2904 and 30V for others.
Full range is -55℃ to 125℃ for LM158, -25℃ to 85℃ for LM258, 0℃ to 70℃ for LM358, and -40℃ to 125℃ for LM2904.
§All typical values are at TA=25℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com