Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1815 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM1815
Description  Adaptive Variable Reluctance Sensor Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM1815 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM1815 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM1815
www.artschip.com
5
Application Hints
Input Clamp
The signal input at pin 3 is internally clamped. Current limit is
provided by an external resistor which should be selected to
allow a peak current of 3 mA in normal operation. Positive
inputs are clamped by a 1 kΩ resistor and series diode, while
an active clamp limits pin 3 to -350 mV for negative inputs
(see R4, Q12, Q11 in internal schematic diagram).
Operation of Zero Crossing Detector
The LM1815 is designed to operate as a zero crossing
detector, triggering an internal one shot on the negative-going
edge of the input signal. Unlike other zero crossing detectors,
the LM1815 cannot be triggered until the input signal has
crossed an “arming” threshold on the positive-going portion of
the waveform. The arming circuit is reset when the chip is
triggered, and subsequent zero crossings are ignored until the
arming threshold is exceeded again. This threshold varies
depending on the connection at pin 5. Three different modes
of operation are possible:
MODE 1, Pin 5 open.
The adaptive mode is selected by
leaving pin 5 open circuit. For input signals of less than 135
mVp-p, the input arming threshold is typically 45 mV. Under
these conditions the input signal must first cross the 45 mV
threshold in the positive direction to arm the zero crossing
detector, and then cross zero in the negative direction to
trigger it. If the signal is less than 30 mV peak (minimum rating
in Electrical Characteristics), the one shot is guaranteed to not
trigger.
Input signals of greater than 230 mVp-p cause the arming
threshold to track at 80% of the peak input voltage. A peak
detector (pin 7) stores a value relative to the positive input
peaks to establish to arming threshold. Input signals must
exceed this threshold in the positive direction to arm the zero
crossing detector. Which can then be triggered by a
negative-going zero crossing. The peak detector tracks
rapidly as the input signal amplitude increases, and decays by
virtue of the resistor connected externally at pin 7 to track
decreases in the input signal.
Note that since the input is clamped, the waveform observed
at pin 3 is not identical to the waveform observed at the
variable reluctance sensor. Similarly, the voltage stored at pin
7 is not identical to the peak voltage appearing at pin 3.
MODE 2, Pin 5 connected to V+.
The input arming threshold
is fixed at 200 mV minimum when pin 5 is connected to the
positive supply. The chip has no output for signals of less than
200 mV peak, and triggers on the next negative going zero
crossing when the threshold is exceeded.
MODE 3, Pin 5 grounded.
With pin 5 grounded, the input
arming threshold is set to 0V (±25mV maximum). Positive
going zero crossings arm the chip, and the next negative zero
crossing triggers it .
The one shot timing is set by a resistor and capacitor
connected to pin 14. The output pulse width is
Pulse width = 0.673 RC
(1)
In some systems it is necessary to externally generate pulses,
such as during stall conditions when the variable reluctance
sensor has no output. External pulse inputs at pin 9 are gated
through to pin 10 when input Select (pin 11) is pulled high. Pin
12 is a direct output for the one shot and is unaffected by the
status of pin 11.
Input/Output pins 9, 11, 10 and 12 are all CMOS logic
compatible. In addition, pin 9, 11 and 12 are TTL compatible.
Pin 10 is not guaranteed to drive a TTL load.
Pin 1. 4. 6 and 13 have no internal connections and can be
grounded.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com