Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1815 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM1815
Description  Adaptive Variable Reluctance Sensor Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM1815 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM1815 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM1815 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM1815
www.artschip.com
2
Absolute Maximum Ratings
If Military/Aerospace specified devices are required. Please contact the National Semiconductor Sales office/Distributors for
availability and specifications.
Supply Voltage
12V
Power Dissipation (Note 1)
1250 mW
Operating Temperature Range
-40℃ to +125℃
Storage Temperature Range
-65℃ to +150℃
Junction Temperature (Note 2)
+125℃
Input Current
±30mA
Lead Temperature (Soldering, 10 sec.)
260℃
Electrical Characteristics
(TA=25℃, Vcc=10V, unless otherwise specified, see Figure 1)
Parameter
Conditions
Min
Typ
Max
Units
Operating Supply Voltage
2.5
10
12
V
Supply Current
fIN=500Hz. Pin 9=2V,
Pin 11=0.8V
3.6
6
mA
Reference Pulse Width
fIN=1 Hz to 2kHz
70
100
130
µs
Input Bias Current
VIN=2V, (Pin 9 and Pin 11)
5
µA
Input Bias Current
VIN=0V dc, (Pin3)
200
nA
Input Impedance
VIN=5Vrms, (Note 3)
12
20
28
kΩ
Zero Crossing Threshold
VIN=100mVp-p, (Pin 3)
25
mV
Logic Threshold
(Pin 9 and Pin 11)
0.8
1.1
2.0
V
VOUT High
RL=1kΩ, (Pin 10)
7.5
8.6
V
VOUT Low
ISINK=0.1mA,(Pin 10)
0.3
0.4
V
Pin 5 Open, VIN ≤135mVp-p
30
45
60
mV
Pin 5 Open, VIN≥230mVp-p
40
80
90
% of V3 Pk
Pin 5 to V+
200
mV
Input Arming Threshold
Pin 5 to Gnd
-25
25
mV
Output Leakage Pin 12
V12=11V
0.01
10
µA
Saturation Voltage P12
I12=2mA
0.2
0.4
V
Note 1: For operation at elevated temperatures, the device must be derated based on a 125℃ maximum junction temperature
and a thermal resistance of 80℃/W (DIP), 120℃/W (SO-14) junction to ambient.
Note 2: Temporary excursions to 150℃ can be tolerated.
Note 3: Measured at input to external 18kΩ resistor. IC contains 1kΩ in series with a diode to attenuate the input signal.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com