Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358P Datasheet(PDF) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM358P
Description  Frequency - Compensated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM358P Datasheet(HTML) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button LM358P Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.artschip.com
8
electrical characteristics at specified free-air temperature, VCC =5V (unless otherwise noted)
LM358A
PARAMETER
TEST CONDITIONS
†
TA
MIN
TYP§
MAX
UNIT
25℃
2
3
VIO
Input offset voltage
VCC=5V to 30V,
VIC=VICR(min),
VO=1.4V
Full range
5
mV
Average temperature coefficient of
aVIO
input offset voltage
Full range
7
20
µV/℃
25℃
2
30
IIO
Input offset current
VO=1.4V
Full range
75
nA
Average temperature coefficient of
aVIO
input offset voltage
Full range
10
300
pA/℃
25℃
-15
-100
IIB
Input bias current
VO=1.4V
Full range
-200
nA
25℃
0 to
VCC –1.5
VICR Common-mode Input voltage range
VCC=30V
Full range
0 to
VCC –2
V
RL≥2kΩ
25℃
VCC –1.5
RL=2kΩ
Full range
26
VOH
High-level Output voltage
VCC=30V
RL≥10kΩ
Full range
27
28
V
VOL
Low-level output voltage
RL≤10kΩ
Full range
5
20
mV
25℃
50
100
Large-signal differential
AVD
Voltage amplification
VCC=15V,VO=1V to 11V,
RL≥2kΩ
Full range
15
V/mV
CMRR Common-mode Rejection ratio
25℃
65
80
dB
kSVR
Supply-voltage rejection ratio
(Δ
VDD/ΔVIO)
25℃
65
100
dB
V01/V02 Crosstalk attenuation
f=1 kHz to 20kHz
25℃
120
dB
25℃
-20
-30
-60
VCC=15V,
VID=1V,
VO=0
Source
Full range
-10
25℃
10
20
VCC=15V,
VID=-1V,
VO=15
Sink
Full range
5
mA
IO
Output current
VID=-1V, VO=200mV
25℃
30
Ios
Short-circuit output current
VCC at 5V, GND at –5V,VO=0
25℃
±40
±60
mA
VO=2.5V, No load
Full range
0.7
1.2
ICC
Supply current (two amplifiers)
VCC=MAX, VO=0.5V,No load
Full range
1
2
mA
†All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified.MAX
Vcc for testing purposes is 26V for LM2904 and 30V for others.
Full range is -55℃ to 125℃ for LM158A, -25℃ to 85℃ for LM258A, and 0℃ to 70℃ for LM358A,
§All typical values are at TA=25℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com