Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358P Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM358P
Description  Frequency - Compensated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM358P Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM358P Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358P Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.artschip.com
1
Wide Supply Range:
- Single Supply…3V to 32V
(26V for LM2904)
- or Dual Supplies …±1.5V to ±16V
(±13V for LM2904)
Low Supply-Current Drain, Independent of Supply
Voltage… 0.7mA Typ
Common-Mode
Input
Voltage
Range
Includes
Ground, Allowing Direct Sensing Near Ground
Low Input Bias and Offset Parameters:
-Input Offset Voltage…3mV Typ
A versions…2mV Typ
-Input Offset Current…2nA Typ
-Input Bias Current…20nA Typ
A Versions…15nA Typ
Differential
Input
Voltage
Range
Equal
to
Maximum-Rated
Supply
Voltage…32V
(26V
for
LM2904)
Open-Loop Differential Voltage Amplification…100
V/mV Typ
Internal Frequency Compensation
LM158, LM158A … JG PACKAGE
LM258, LM258A … D, DGK, OR P PACKAGE
LM358 … D, DGK, P , PS, OR PW PACKAGE
LM358A … D, DGK, P , OR PW PACKAGE
LM2904 … D, DGK, P , PS, OR PW PACKAGE
(TOP VIEW)
LM158,LM158A … FW PACKAGE
(TOP VIEW)
NC-No internal connection
Description/ordering information
These devices consist of two independent, high-gain, frequency-compensated operational amplifiers designed to operate from a
single supply over a wide range of voltages. Operation from split supplies also is possible if the difference between the two supplies is
3V to 32V (3V to 26V for the LM2904), and VCC is at least 1.5V more positive than the input common-mode voltage. The low
supply-current drain is independent of the magnitude of the supply voltage.
Applications include transducer amplifiers, dc amplification blocks, and all the conventional operational amplifier circuits that now be
implemented more easily in single-supply-voltage systems. For example, these devices can be operated directly from the standard 5-V
supply used in digital systems and easily can provide the required interface electronics without additional ±5-V supplies.


Similar Part No. - LM358P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM358P STMICROELECTRONICS-LM358P Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM358P TI-LM358P Datasheet
452Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
LM358P TI-LM358P Datasheet
459Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
LM358P TI1-LM358P Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
LM358P TI1-LM358P Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LM358P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17741 HITACHI-HA17741 Datasheet
89Kb / 18P
General-Purpose Operational Amplifier (Frequency Compensated)
logo
List of Unclassifed Man...
CFPT-37 ETC1-CFPT-37 Datasheet
37Kb / 2P
Fixed frequency, surface mount, temperature compensated crystal oscillator
logo
Leshan Radio Company
LR324 LRC-LR324 Datasheet
223Kb / 10P
Internally Frequency Compensated, Large Voltage Gain
logo
Advanced Monolithic Sys...
AMS358 AMS-AMS358 Datasheet
1Mb / 7P
Internally frequency compensated for UNITY GAIN
logo
Leshan Radio Company
LR324 LRC-LR324_12 Datasheet
223Kb / 10P
Internally Frequency Compensated Large Voltage Gain
logo
Fairchild Semiconductor
LM258AMX FAIRCHILD-LM258AMX Datasheet
161Kb / 12P
Internally Frequency Compensated for Unity Gain
logo
Leshan Radio Company
LR324 LRC-LR324_15 Datasheet
223Kb / 10P
Internally Frequency Compensated
logo
TE Connectivity Ltd
82CV TEC-82CV Datasheet
251Kb / 5P
Temperature Compensated
logo
Megawin Technology Co.,...
MG39U103AH-050 MEGAWIN-MG39U103AH-050 Datasheet
293Kb / 14P
Temperature compensated
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
Frequency-Compensated Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com