Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM2596
Description  3A Step-Down Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM2596 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM2596 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LM2596
www.artschip.com
2
Connection Diagrams and Ordering Information
Bent and Staggered Leads, Through Hole
Package
5-Lead TO-220(T)
Order Number LM2596T-3.3, LM2596T-5.0,
LM2596T-12 or LM2596T-ADJ
See NS Package Number T05D
Surface Mount Package
5-Lead TO-263(s)
Order Number LM2596S-3.3, LM2596S-5.0,
LM2596S-12 or LM2596S-ADJ
See NS Package Number TS5B
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required, please
contact
the
National
Semiconductor
Sales
Office/Distributors for availability and specifications.
Maximum Supply Voltage
45V
/OFF Pin Input Voltage
-0.3≤V≤+25V
Feedback Pin Voltage
-0.3≤V≤+25V
Output Voltage to Ground
(Steady State)
-1V
Power Dissipation
Internally limited
Storage Temperature Range
-65℃ to +150℃
ESD Susceptibility
Human Body Model (Note 2)
2KV
Lead Temperature
S Package
Vapor Phase (60 sec.)
+215℃
Infrared (10 sec. )
+245℃
T Package (Soldering, 10 sec.)
+260℃
Maximum Junction Temperature
+150℃
Operating Conditions
Temperature Range
-40℃≤TJ≤+125℃
Supply Voltage
4.5V to 40V
LM2596-3.3
Electrical Characteristics
Specifications with standard type face are for TJ =25℃, and those with boldface type apply over full Operating Temperature Range
LM2596-3.3
Symbol
Parameter
Conditions
Typ
(Note 3)
Limit
(Note 4)
Units
(Limits)
SYSTEM PARAMETERS (Note 5) Test Circuit Figure1
VOUT
Output Voltage
4.75V≤VIN≤40V, 0.2A≤ILOAD≤3A
3.3
3.168/3.135
3.432/3.465
V
V(min)
V(max)
η
Efficiency
VIN=12V, ILOAD =3A
73
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com