Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2596 Datasheet(PDF) 21 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM2596
Description  3A Step-Down Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM2596 Datasheet(HTML) 21 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button LM2596 Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 18Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 19Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 20Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 21Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 22Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 23Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 24Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2596 Datasheet HTML 25Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM2596
www.artschip.com
21
Application information (Continued)
DISCONTINUOUS MODE OPERATION
The selection guide chooses inductor values suitable for continuous
mode operation, but for low current applications and/or high input
voltages, a discontinuous mode design may be a better choice. It
would use an inductor that would be physically smaller, and would
need only one half to one third the inductance value needed for a
continuous mode design. The peak switch and inductor currents will
be higher in a discontinuous design, but at these low load currents
(1A and below), the maximum switch current will still be less than
the switch current limit.
Discontinuous operation can have voltage waveforms that are
considerable different than a continuous design. The output pin
(switch) waveform can have some damped sinusoidal ringing
present. (See Typical Performance Characteristics photo titled
Discontinuous Mode Switching Waveforms) This ringing is normal
for discontinuous operation, and is not cause by feedback loop
instabilities. In discontinuous operation, there is a period of time
where neither the switch or the diode are conducting, and the
inductor current has dropped to zero. During this time, a small
amount of energy can circulate between the inductor and the
switch/diode parasitic capacitance causing this characteristic ringing.
Normally this ringing is not a problem, unless the amplitude be
comes great enough to exceed the input voltage, and even then,
there is very little energy present to cause damage.
Different inductor types and /or core materials produce different
amounts of this characteristic ringing. Ferrite core inductors have
very little core loss and therefore produce the most ringing. The
higher core loss of powdered iron inductors produce less ringing. If
desired, a series RC could be placed in parallel with the inductor to
dampen the ringing. The computer aided design software Switchers
Mode Simple (version 4.3) will provide all component values for
continuous and discontinuous modes of operation.
2 µsec /div
DSO12583-32
FIGURE 17.Post Ripple Filter Waveform
OUTPUT VOLTAGE RIPPLE AND TRANSIENTS
The output voltage of a switching power supply operating in the
continuous mode will contain a sawtooth ripple voltage at the
switcher frequency, and may also contain short voltage spikes at the
peaks of the sawtooth waveform.
The output ripple voltage is a function of the inductor sawtooth ripple
current and the ESR of the output capacitor. A typical output ripple
voltage can range from approximately 0.5% to 3% of the output
voltage. To obtain low ripple voltage, the ESR of the output capacitor
must be low, however, caution must be exercised when using
extremely low ESR capacitors because they can affect the loop
stability, resulting in oscillation problems. If very low output ripple
voltage is needed (less than 20mV), a post ripple filter is
recommended. (See Figure 1.) The inductance required is typically
between 1µH and 5µH, with low DC resistance, to maintain good
load regulation. A low ESR output filter capacitor is also required to
assure good dynamic load response and ripple reduction. The ESR
of this capacitor may be as low as desired, because it is out of the
regulator feedback loop. The photo shown in Figure 17 shows a
typical output ripple voltage, with and without a post ripple filter.
When observing output ripple with a scope, it is essential that a
short, low inductance scope probe ground connection be used. Most
scope probe manufacturers provide a special probe terminator
which is soldered onto the regulator board, preferable at the output
capacitor. This provides a very short scope ground thus eliminating
the problems associated with the 3 inch ground lead normally
provided with the probe, and provides a much cleaner and more
accurate picture of the ripple voltage waveform.
The voltage spikes are caused by the fast switching action of the
output switch and the diode, and the parasitic inductance of the
output filter capacitor, and its associated wiring. To minimize these
voltage spikes, the output capacitor should be designed for
switching regulator applications, and the lead lengths must be kept
very short. Wiring inductance, stray capacitance, as well as the
scope probe used to evaluate these transients, all contribute to the
amplitude of these spikes.
When a switching regulator is operating in the continuous mode, the
inductor current waveform ranges from a triangular to a sawtooth
type of waveform (depending on the input voltage). For a given input
and output voltage, the peak-to-peak amplitude of this inductor
current waveform remains constant. As the load current increases
or decreases, the entire sawtooth current waveform also rises and
falls. The average value (or the center) of this current waveform is
equal to the DC load current.
If the load current drops to a low enough level, the bottom of the
sawtooth current waveform will reach zero, and the switcher will
smoothly change from a continuous to a discontinuous mode of
operation. Most switcher designs (irregardless how large the
inductor value is) will be forced to run discontinuous if the output is
lightly loaded. This is a perfectly acceptable mode of operation.
FIGURE 18. Peak-to-Peak Inductor Ripple Current vs Load Current
In a switching regulator design, knowing the value of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com