Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6 Datasheet(PDF) 13 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6
Description  16Pin infrared remote control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6 Datasheet(HTML) 13 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC6 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6 系列(文件编号:S&CIC0965)
16Pin 红外线遥控 IC
第 13 页 共 15 页
 SC68521-3
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K1
00
K2
01
02
K3
03
04
05
K4
06
07
08
09
K5
0A
0C
0D
0E
0F
K6
10
11
14
15
16
1E
K7
20
21
22
23
24
26
28
K8
29
2A
2B
2C
2D
2E
2F
06*
K9
0D*
0E*
38
3A
3C
3F
39*
01$
32$
K10
10*
11*
12*
13*
15*
16*
17*
34$
35$
36$
GND
2B*
2C*
2D*
2E*
2F*
31*
35*
3A*
0A#
0B#
2F&
用户码如下表所示:
CS 接 VCC 时无标记用户码为 3010-00, 带*为 8521-00,带#为 3010-03,带$为 3010-05,带&为 3010-08。
应用电路图:
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
VSS
CS
OUT
VDD
00
01
03
06
0A
0F
15
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
02
04
05
07
08
09
0C
0D
0E
10
11
13
16
1E
20
21
22
23
39*
26
38
28
29
+3V
47uF
OSC
2
455KHz
2A
2B
2C
2D
2E
2F
06*
0D*
0E*
3A
3C
3F
01$
32$
36$ 35$ 34$ 17* 16* 15* 13* 12* 11* 10*
2B*
2C*
2D*
2E*
2F*
31*
35*
3A*
0A#
0B#
2F&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com