Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A-C Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPBA02A-C
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A-C Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPBA02A-C Datasheet HTML 9Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 10Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 11Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 12Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 13Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 14Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 15Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 16Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
13
JAN. 06, 2011
Version: 1.6
Symbol
Parameter
Min.
Typ.
Max.
Units
fSCK
SCK Clock Frequency
-
-
8
MHz
tRI
Input Rise Time
-
-
4
ns
tFI
Input Fall Time
-
-
4
ns
tWH
SCK High Time
80
-
-
ns
tWL
SCK Low Time
80
-
-
ns
tCSS
CSB Setup Time
80
-
-
ns
tCSH
CSB Hold Time
80
-
-
ns
tCS
CSB High Time
50
-
-
ns
tSU
Data In Setup Time
5
-
-
ns
tH
Data In Hold Time
5
-
-
ns
tV
Output Valid
-
-
75
ns
tHO
Output Hold Time
0
-
-
ns
tDIS
Output Disable Time
0
-
-
ns
5.4. Port A/B/C
Port A, Port B and Port C, each has eight programmable I/Os that
are controlled by data register BUFA/B/C, direction control register
DIRA/B/C, and attribution control register ATTA/B/C. BUFA/B/C
is used to store the data content for output. Reading DATA/B/C
will get pad’s status and latch current’s status into internal latching
register.
There is a built-in pull-high/low resistor on each pad. PA/B/C [7:0]
has pull-high/low resistors that can be configured with pull-high or
pull-low registers. These pull-high/low resistors can be selected
by I/O configuration register (BUFA/B/C, DIRA/B/C, and
ATTA/B/C).
The maximum number of IO ports used for LED driver is 8 (with
sink output).
And these IO ports closed to VSSIO pad are
recommended to be firstly for LED driver.
For example:
8 should select PA6, PA7, PB0, PB1, PB2, PB3, PC6 and PC7.
6 should select PA7, PB0, PB1, PB2, PC6 and PC7.
5 should select PA7, PB0, PB1, PB2 and PC7.
The corresponding pads are assigned for GPBA02A as following:
PIN
Pull High/Low Resistance@VDDIO=5V
IN
OUT Current @VDDIO=3V
PA7
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PA6
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PA5
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PA4
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PA3
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PA2
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PA1
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PA0
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PB7
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PB6
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PB5
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PB4
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PB3
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PB2
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PB1
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA
PB0
100K High/Low
Schmitt-Trigger(0.4/0.6 VDD)
-8/20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com