Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPBA02A-C Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPBA02A-C
Description  I/O Extender
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPBA02A-C Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPBA02A-C Datasheet HTML 1Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 2Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 3Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 4Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 5Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 6Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 7Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 8Page - Generalplus Technology Inc. GPBA02A-C Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
GPBA02A
© Generalplus Technology Inc.
Proprietary & Confidential
4
JAN. 06, 2011
Version: 1.6
4. SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Package
PIN No.
Type
Description
DEVICE
34
30
I
Device select signal, optional. (Device is defaulted as 0 when DEVICE pin is
floating)
CSB
33
29
I
Chip select signal for SPI interface, low active.
SCK
31
27
I
Clock signal for SPI interface.
MOSI
30
26
I
Data input pin for SPI interface.
MISO
32
28
O
Data output pin for SPI interface.
PA [7:0]
2-9
42-35
I/O
General-purpose inputs/outputs, software command configurable.
Belong to VDDIOA power group.
PB [7:0]
10, 12-16,
18-19
13-12, 8-4,
43
I/O
General-purpose inputs/outputs, software command configurable.
PB0 belong to VDDIOA power group, PB[7:1] belong to VDDIOC power group.
PC[7:0]
20-27
21-14
I/O
General-purpose inputs/outputs, software command configurable.
Belong to VDDIOC power group.
VDD
35
31
P
Digital circuit power input.
VSS
29
25
P
Digital circuit ground input.
VDDIO_A
1
34
P
Port A and Port B circuit power input, supply power for PA[7:0] and PB0.
VSSIO
11, 28
3, 22
P
Port A, Port B, Port C circuit ground input.
VDDIO_C
17
9
P
Port B and Port C circuit power input, supply power for PB[7:1] and PC[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com