Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFR Datasheet(PDF) 13 Page - DATEL, Inc.

Part # TFR
Description  TFR RAILWAY SERIES 24-Pin DIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

TFR Datasheet(HTML) 13 Page - DATEL, Inc.

Back Button TFR Datasheet HTML 5Page - DATEL, Inc. TFR Datasheet HTML 6Page - DATEL, Inc. TFR Datasheet HTML 7Page - DATEL, Inc. TFR Datasheet HTML 8Page - DATEL, Inc. TFR Datasheet HTML 9Page - DATEL, Inc. TFR Datasheet HTML 10Page - DATEL, Inc. TFR Datasheet HTML 11Page - DATEL, Inc. TFR Datasheet HTML 12Page - DATEL, Inc. TFR Datasheet HTML 13Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
July 14 2017 Preliminary A.01
TFR RAILWAY SERIES 24-Pin DIP
Up to 10 Watt DC-DC Converter
MECHANICAL SPECIFICATIONS
Note: All dimensions are in millimeters (inches). Tolerance: x.xx ±0.02 in. (0.5mm), x.xxx ±0.010 in. (0.25 mm) unless otherwise noted
PIN CONNECTIONS
PIN
SINGLE
OUTPUT
DUAL
OUTPUTS
PIN
SINGLE
OUTPUT
DUAL
OUTPUTS
1
Remote
Remote
13
No Pin
No Pin
2
- V Input
- V Input
14
+ V Output
+ V Output
3
- V Input
- V Input
15
No Pin
No Pin
4,5
No Pin
No Pin
16
-V Output
Common
9
No Pin
Common
20,21
No Pin
No Pin
10
No Pin
No Pin
22
+ V Input
+ V Input
11
No Connection
-V output
23
+ V Input
+ V Input
12
No Pin
No Pin
24
No Pin
No Pin
PART NUMBER ORDERING INFORMATION
TFR
Nominal Input voltage
101
Number of Outputs
D
5
3
(43-160) 101 Volts
S- Single
D- Dual
Note: For proper part ordering, enter
option suffixes in order listed in table above
Family, Form Factor
Package
Voltage Output Volts
Current Output (A)
12 Volts – 12
15 Volts – 15
±5 Volts – ±5
±12 Volts - ±12
±15 Volts - ±15
12 Volts – 0.83
15 Volts – 0.66
±5 Volts – ±1
±12 Volts - ±0.41
±15 Volts - ±0.33
N
Option
None- Positive Logic
N - Negative Logic
Page
13 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com