Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFR Datasheet(PDF) 2 Page - DATEL, Inc.

Part # TFR
Description  TFR RAILWAY SERIES 24-Pin DIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

TFR Datasheet(HTML) 2 Page - DATEL, Inc.

  TFR Datasheet HTML 1Page - DATEL, Inc. TFR Datasheet HTML 2Page - DATEL, Inc. TFR Datasheet HTML 3Page - DATEL, Inc. TFR Datasheet HTML 4Page - DATEL, Inc. TFR Datasheet HTML 5Page - DATEL, Inc. TFR Datasheet HTML 6Page - DATEL, Inc. TFR Datasheet HTML 7Page - DATEL, Inc. TFR Datasheet HTML 8Page - DATEL, Inc. TFR Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
July 14 2017 Preliminary A.01
TFR RAILWAY SERIES 24-Pin DIP
Up to 10 Watt DC-DC Converter
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MODEL
Min.
Typical
Max.
Units
Input Voltage
Continuous
DC
All
-0.3
160
Volts
Transient
100ms, DC
All
200
Volts
Operating Ambient Temperature
Derating, Above 60
℃
All
-40
+85
℃
Case Temperature
All
+100
℃
Storage Temperature
All
-55
+125
℃
Input / Output Isolation Voltage
1 minute, DC Volts
All
3000
Volts
INPUT CHARACTERISTICS
Note: All specifications are typical at nominal input, full load at 25
℃unlessotherwisenoted
PARAMETER
CONDITIONS
MODEL
Min.
Typical
Max.
Units
Operating Input Voltage
All
43
110
160
Volts
Maximum Input Current
100% Load, Vin = 43V
All
290
mA
No-Load Input Current
Vin = 110 Volts
All
6
mA
Input Under Voltage Lockout
Turn-On Voltage Threshold
All
38.5
40
41.5
VDC
Turn-Off Voltage Threshold
All
36.5
38
39.5
VDC
Lockout Hysteresis Voltage
All
2
VDC
Inrush Current (I2t)
As per ETS300 132-2
All
0.1
A2s
Input Reflected-Ripple Current
P-P thru 12µH inductor, 5Hz to 20MHz
All
30
mA
OUTPUT CHARACTERISTIC
PARAMETER
CONDITIONS
MODEL
Min.
Typical
Max.
Units
Output Voltage Set Point
Vin = Nominal input, Io = Io max
Vo=±5.0
4.95
5
5.05
Vo=12
11.88
12
12.12
Vo=15
14.85
15
15.15
Vo=±12
11.88
12
12.12
Vo=±15
14.85
15
15.15
Output Voltage Balance
Vin =nominal, Io= Io_max, Tc=25
℃
Dual
±2.0
%
Output Voltage Regulation
Line Regulation
Vin =High line to Low line Full Load
Single
±0.5
%
%
Dual
±1.0
Load Regulation
Io = Full Load to min. Load
Single
±0.2
%
%
Dual
±0.2
Cross Regulation
Load cross variation 25%/100%
Dual
±5
%
Temperature Coefficient
TC=-40
℃to+85℃
±0.02
%/
℃
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 1µF MLCC
Vo=±5.0
Vo=12
Vo=15
Vo=±12
Vo=±15
75
100
100
100
100
mV
Page
2 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com