Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M670KGKT Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # M670KGKT
Description  Meet ROHS, Green Product.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

M670KGKT Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  M670KGKT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. M670KGKT Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Features
* Meet ROHS, Gr een Pr oduct .
* Package i n 8mm t ape on 7” di amet er r eel s.
* EIA ST D package.
* I.C. compat i bl e.
* Compat i bl e wi t h aut omat i c pl acement equi pment .
* Compat i bl e wi t h i nf r ar ed r ef l ow sol der pr ocess.
Package
Dimensions
Part No.
Lens Color
Source Color
LTST-M670KGKT
Water Clear
AlInGaP Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2 mm
(.008") unless otherwise noted.
Part No. : LTST-M670KGKT
Page :
1
of
11
BNS-OD-C131/A4
香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - M670KGKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
M670KFKT TO-GRACE-M670KFKT Datasheet
700Kb / 11P
Meet ROHS, Green Product.
M670KRKT TO-GRACE-M670KRKT Datasheet
742Kb / 11P
Meet ROHS, Green Product.
M670KSKT TO-GRACE-M670KSKT Datasheet
710Kb / 11P
Meet ROHS, Green Product.
More results

Similar Description - M670KGKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-020TGKT TO-GRACE-LTST-020TGKT Datasheet
866Kb / 11P
Meet ROHS, Green Product.
LTST-020KRKT TO-GRACE-LTST-020KRKT Datasheet
864Kb / 11P
Meet ROHS, Green Product.
LTST-C193KFKT-5A TO-GRACE-LTST-C193KFKT-5A Datasheet
787Kb / 12P
Meet ROHS, Green Product.
LTST-C155KGJRKT TO-GRACE-LTST-C155KGJRKT Datasheet
763Kb / 11P
Meet ROHS, Green Product.
LTST-C170KRKT TO-GRACE-LTST-C170KRKT Datasheet
924Kb / 11P
Meet ROHS, Green Product.
LTST-C170ZBKT TO-GRACE-LTST-C170ZBKT Datasheet
706Kb / 11P
Meet ROHS, Green Product.
LTST-C171TGKT TO-GRACE-LTST-C171TGKT Datasheet
749Kb / 11P
Meet ROHS, Green Product.
LTST-C190TBKT TO-GRACE-LTST-C190TBKT Datasheet
776Kb / 12P
Meet ROHS, Green Product.
LTST-C193KSKT-5A TO-GRACE-LTST-C193KSKT-5A Datasheet
746Kb / 11P
Meet ROHS, Green Product.
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
Meet RoHS/Meet RoHS, Green Product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com